Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1015-1 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT1015-1
Description  1.5V Low Power LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1015-1 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

  HT1015-1_16 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1015-1_16 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1015-1_16 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1015-1_16 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1015-1_16 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1015-1_16 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1015-1_16 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1015-1_16 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1015-1_16 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3-pin SOT89 Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.173
¾
0.181
B
0.053
¾
0.072
C
0.090
¾
0.102
D
0.035
¾
0.047
E
0.155
¾
0.167
F
0.014
¾
0.019
G
0.017
¾
0.022
H
¾
0.059 BSC
¾
I
0.055
¾
0.063
J
0.014
¾
0.017
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
4.40
¾
4.60
B
1.35
¾
1.83
C
2.29
¾
2.60
D
0.89
¾
1.20
E
3.94
¾
4.25
F
0.36
¾
0.48
G
0.44
¾
0.56
H
¾
1.50 BSC
¾
I
1.40
¾
1.60
J
0.35
¾
0.44
HT1015-1
Rev. 1.40
8
June 25, 2016
A
E
B
C
D
H
G
F
I
J


Similar Part No. - HT1015-1_16

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1015-1 HOLTEK-HT1015-1 Datasheet
169Kb / 12P
   1.5V Low Power LDO
More results

Similar Description - HT1015-1_16

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1015-1 HOLTEK-HT1015-1 Datasheet
169Kb / 12P
   1.5V Low Power LDO
logo
Bookly Micro electronic
BM75XX BOOKLY-BM75XX Datasheet
210Kb / 6P
   Low Power LDO
logo
Holtek Semiconductor In...
HT7521-2 HOLTEK-HT7521-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
HT71XX-2 HOLTEK-HT71XX-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Shenzhen Huazhimei Semi...
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
HT75XX-3 HOLTEK-HT75XX-3 Datasheet
1Mb / 18P
   100mA Low Power LDO
logo
Shenzhen Huazhimei Semi...
HM78XX HMSEMI-HM78XX Datasheet
1Mb / 13P
   0.5A Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com