Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1628 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1628
Description  RAM Mapping 116횞2 LCD Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1628 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1628 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Rev. 1.00
5
December 20, 2016
HT1628
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
IOH3
LCD Common Source Current
3V
VOH=2.7V
-100
-200
μA
5V
VOH=4.5V
-190
-380
μA
IOL3
LCD Segment Sink Current
3V
VOL=0.3V
35
70
μA
5V
VOL=0.5V
65
130
μA
IOH3
LCD Segment Source Current
3V
VOH=2.7V
-35
-70
μA
5V
VOH=4.5V
-65
-130
μA
RPH
Pull-high Resistor
3V
DATA, CSB, WRB, RDB, TEST
40
100
170
5V
20
50
90
A.C. Characteristics
Ta = -40°C to +85°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fLCD
LCD Frame Frequency
3V
On-chip RC oscillator
58
90
148
Hz
5V
fCLK1
Serial Data Clock (WRB pin)
3V
Duty cycle 50%
1
MHz
5V
2
MHz
fCLK2
Serial Data Clock (RDB pin)
3V
Duty cycle 50%
0.5
MHz
5V
1
MHz
tCS
Serial Interface Reset Pulse Width
(Figure 3)
— CSB
250
300
ns
tCLK
WR, RD Input Pulse Width (Figure 1)
3V
Write mode
0.4
μs
Read mode
0.8
5V
Write mode
0.2
μs
Read mode
0.4
tr, tf
Rise/Fall Time Serial Data Clock Width
(Figure 1)
— CO=15pF
50
100
ns
tsu
Setup Time for DATA to WRB Clock
Width (Figure 2)
50
100
ns
th
Hold Time for DATA to WRB Clock Width
(Figure 2)
100
200
ns
tsu1
Setup Time for CSB to WRB, RDB Clock
Width (Figure 3)
200
300
ns
th1
Hold Time for CSB to WRB, RDB Clock
Width (Figure 3)
100
200
ns
tPD
DATA Output Delay Time (RDB-DATA)
(Figure 4)
— CO=15pF
tPD=50 to 50%
100
200
ns
tPD=50 to 50%
VPOR
VDD Start voltage to ensure Power on reset —
100
mV
RRVDD
VDD Rise Rate to ensure Power on reset
0.05
V/ms
tPOR
Minimum Time for VDD to remain at VPOR to
ensure Power on reset
10
ms


Similar Part No. - HT1628

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
HT1628 ARTSCHIP-HT1628 Datasheet
1Mb / 13P
   DVD LED Driver IC
More results

Similar Description - HT1628

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
   RAM Mapping 32횞4 LCD Driver
HT9B92 HOLTEK-HT9B92 Datasheet
1Mb / 25P
   RAM Mapping 36횞4 LCD Driver
HT9B92G HOLTEK-HT9B92G Datasheet
1Mb / 21P
   RAM Mapping 40x4 LCD Driver
HT1629G HOLTEK-HT1629G Datasheet
2Mb / 23P
   240횞2 RAM Mapping LCD Driver
HT16L21 HOLTEK-HT16L21 Datasheet
1Mb / 36P
   RAM Mapping 32x4 LCD Driver
HT9B95 HOLTEK-HT9B95 Datasheet
1Mb / 32P
   RAM Mapping 39횞8 / 43횞4 LCD Driver
HT16C22 HOLTEK-HT16C22 Datasheet
407Kb / 30P
   RAM Mapping 44*4 LCD Controller Driver
HT16L23 HOLTEK-HT16L23 Datasheet
2Mb / 43P
   RAM Mapping 52*4 / 48*8 LCD Driver
HT16C23 HOLTEK-HT16C23 Datasheet
2Mb / 35P
   RAM Mapping 56*4 / 52*8 LCD Driver Controller
HT16C21 HOLTEK-HT16C21 Datasheet
3Mb / 34P
   RAM Mapping 20*4 / 16*8 LCD Driver Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com