Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1629G Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1629G
Description  240횞2 RAM Mapping LCD Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1629G Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1629G Datasheet HTML 1Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 2Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 3Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 4Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 5Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 6Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 7Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 8Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Rev. 1.00
1
November 11, 2016
Rev. 1.00
PB
November 11, 2016
HT1629G
240×2 RAM Mapping LCD Driver
Feature
• Logicoperatingvoltage:2.4V~5.5V
• LCDoperatingvoltage:2.4V~5.5V
• LCDdisplay:Max.240Segmentsand2Commons
• LCDdisplaydataRAM:60×8bits=480bits
• Duty:static,1/2;Bias:1/1,1/2
• ExternalVLCDpintosupplyLCDoperatingvoltage
• Internal51.2kHzRCoscillator
• 4-ChanelLEDdriver
• Supportsupto16levelPWMluminancecontrol
• SPI3-wireserialinterface
• Packagetype:COG–60μmmin.
General Description
TheHT1629Gisamemorymappingandmulti-
functionLCDcontrollerdriverwhichcanbeswitched
toeither1/1or1/2duty.Itcandisplayupto240
patternswitha1/1dutyor480patternswitha1/2
dutydriveroutput.Itsupportsacommondriver
outputmodesegment/LEDdriver.Thesoftware
configurationfeaturesofthedevicemakesitsuitable
for multiple LCD applications including LCD
modulesanddisplaysubsystems.
The HT1629G is compatible with most micro-
controllersandcommunicatesviaathree-lineSPI
interface.
Block Diagram
LCD
Voltage
Selector
Display
RAM
Control
Circuit
Timing
Generator
PWM
Control
COM0
COM1
SEG0
OSC
CSB
CLK
DIO
VDD
VSS
8
VLCD
LED3
Oscillator
I/F
SEG239
LED0
LED driver
SEG driver
COM driver
VCAP
DS
CLS


Similar Part No. - HT1629G

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620 Datasheet
180Kb / 17P
   RAM Mapping 32x4 LCD Controller for I/O C
HT1620 HOLTEK-HT1620 Datasheet
156Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620 Datasheet
135Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1620G HOLTEK-HT1620G_11 Datasheet
146Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
   RAM Mapping 32x4 LCD Controller for I/O MCU
More results

Similar Description - HT1629G

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
   RAM Mapping 32횞4 LCD Driver
HT9B92 HOLTEK-HT9B92 Datasheet
1Mb / 25P
   RAM Mapping 36횞4 LCD Driver
HT9B92G HOLTEK-HT9B92G Datasheet
1Mb / 21P
   RAM Mapping 40x4 LCD Driver
HT1628 HOLTEK-HT1628 Datasheet
1Mb / 17P
   RAM Mapping 116횞2 LCD Driver
HT16L21 HOLTEK-HT16L21 Datasheet
1Mb / 36P
   RAM Mapping 32x4 LCD Driver
HT9B95 HOLTEK-HT9B95 Datasheet
1Mb / 32P
   RAM Mapping 39횞8 / 43횞4 LCD Driver
HT16C22 HOLTEK-HT16C22 Datasheet
407Kb / 30P
   RAM Mapping 44*4 LCD Controller Driver
HT16L23 HOLTEK-HT16L23 Datasheet
2Mb / 43P
   RAM Mapping 52*4 / 48*8 LCD Driver
HT16C23 HOLTEK-HT16C23 Datasheet
2Mb / 35P
   RAM Mapping 56*4 / 52*8 LCD Driver Controller
HT16C21 HOLTEK-HT16C21 Datasheet
3Mb / 34P
   RAM Mapping 20*4 / 16*8 LCD Driver Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com