Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1333 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1333
Description  Integrated Circuit Module, Hybrid, Audio Power Amp, 40W, 2 Power Supplies Req?셝
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1333 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1333 Datasheet HTML 1Page - NTE Electronics NTE1333 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(–) VCC
(+) VCC
Pin Connection Diagram
(Front View)
.807
(20.5)
1.260
(32.0)
2.335 (59.3)
2.050 (52.0)
.276 (7.0)
.135 (3.45)
Dia
(2 Places)
110
1.417 (35.6)
.157 (4.0 Typ)
.550
(13.97)
(+) Input
Output
N.C.
N.C.
N.C.
N.C.
9
8
7
6
Output
5
4
3
2
1
(–) Input
10


Similar Part No. - NTE1333

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE133 NTE-NTE133 Datasheet
19Kb / 2P
   N.Channel JFET Silicon Transistor General Purpose AF Amplifier
NTE1330 NTE-NTE1330 Datasheet
21Kb / 2P
   Integrated Circuit Module - Hybrid, Dual, Audio Power Amplifier, 15W/Ch, 2 Power Supplies Required
NTE1331 NTE-NTE1331 Datasheet
20Kb / 2P
   Integrated Circuit Module - Dual, Audio Power Amplifier, 25W/Channel, 2 Power Supplies Required
NTE1337 NTE-NTE1337 Datasheet
83Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp 70 Watt, 2 Power Supplies Required
NTE1338 NTE-NTE1338 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Driver for 40W to 50W Audio Power Amp
More results

Similar Description - NTE1333

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1816 NTE-NTE1816 Datasheet
23Kb / 2P
   Integrated Circuit Module, Dual AF PO, 6W/Ch Dual Power Supplies Req?셝
NTE1320 NTE-NTE1320 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp, 25W, 2 Power Supplies Required
NTE1347 NTE-NTE1347 Datasheet
20Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 20W/Ch, 2 Power Supplies Required
NTE1345 NTE-NTE1345 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 30W/Ch, 2 Power Supplies Required
NTE1329 NTE-NTE1329 Datasheet
82Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp 20 Watt, 2 Power Supplies Required
NTE1337 NTE-NTE1337 Datasheet
83Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp 70 Watt, 2 Power Supplies Required
NTE1028 NTE-NTE1028 Datasheet
73Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp 20W
NTE1338 NTE-NTE1338 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Driver for 40W to 50W Audio Power Amp
NTE1340 NTE-NTE1340 Datasheet
56Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amplifier, 24W 2 Power Supplies Required
NTE1328 NTE-NTE1328 Datasheet
82Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp50W 2 Power Supplies Required
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com