Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7125-3 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT7125-3
Description  30mA TinyPowerTM LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7125-3 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT7125-3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7125-3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7125-3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7125-3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7125-3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7125-3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7125-3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7125-3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7125-3 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Rev. 1.10
7
March 19, 2014
HT71xx-3
HT7150-3, +5.0V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VIN
Input Voltage
30
V
VOUT
Output Voltage
7V IOUT=10mA
4.9
5.00
5.1
V
IOUT
Output Current
7V
20
30
mA
∆VOUT
Load Regulation
7V 1mA≤IOUT≤30mA
15
45
mV
VDIF
Dropout Voltage (Note)
— IOUT=1mA, ∆VOUT=2%
35
55
mV
ISS
Quiescent Current
7V No load
1
1.5
µA
D V OU T
D V IN ´ V OU T
Line Regulation
— 6V≤VIN≤30V, IOUT=1mA
0.1
0.2
%/V
D V OU T
D T a ´ V OU T
Temperature Coefficient
7V IOUT=10mA, -40°C<Ta<85°C
±100
ppm/°C
Note:Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatVIN=VOUT+2Vwithafixedload.


Similar Part No. - HT7125-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7125-1 HOLTEK-HT7125-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
HT7125-2 HOLTEK-HT7125-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
More results

Similar Description - HT7125-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
HT7321-2 HOLTEK-HT7321-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT71XX-2 HOLTEK-HT71XX-2 Datasheet
1Mb / 15P
   30mA Low Power LDO
HT71XX-1 HOLTEK-HT71XX-1 Datasheet
158Kb / 14P
   30mA Low Power LDO
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
   30mA High Speed LDO Regulator
logo
Holtek Semiconductor In...
HT7521-7 HOLTEK-HT7521-7 Datasheet
2Mb / 25P
   30V, 100mA TinyPowerTM LDO with Protections
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com