Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7327-1 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT7327-1
Description  30V, 250mA TinyPowerTM LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7327-1 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT7327-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7327-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7327-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7327-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7327-1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7327-1 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7327-1 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7327-1 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7327-1 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Rev. 1.00
10
August 26, 2015
HT73xx-1
Application Circuits
Basic Circuits
HT73xx-1
Series
VIN
10uF
0.1uF
VIN
Common
VOUT
10uF
0.1uF
VOUT
Common
C3
C1
C2
C4
GND
High Output Current Positive Voltage Regulator
HT73xx-1
Series
VIN
10uF
0.1uF
VIN
Common
VOUT
10uF
0.1uF
VOUT
Common
C3
C1
C2
C4
TR1
R1
GND
Circuit for Increasing Output Voltage
HT73xx-1
Series
VIN
10uF
0.1uF
VIN
VOUT
10uF
0.1uF
VOUT
C3
C1
C2
C4
Common
Common
R1
R2
ISS
VOUT = Vxx×(1+R2/R1) + ISS×R2
GND


Similar Part No. - HT7327-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7327-2 HOLTEK-HT7327-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7327-3 HOLTEK-HT7327-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7327-7 HOLTEK-HT7327-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
logo
Guangdong Youtai Semico...
HT7327-A UMW-HT7327-A Datasheet
4Mb / 7P
   LDO Linear Regulator
More results

Similar Description - HT7327-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7321-2 HOLTEK-HT7321-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
HT7521-7 HOLTEK-HT7521-7 Datasheet
2Mb / 25P
   30V, 100mA TinyPowerTM LDO with Protections
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
logo
List of Unclassifed Man...
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
logo
Mitsumi Electronics, Co...
MM1886 MITSUMI-MM1886 Datasheet
183Kb / 21P
   250mA/300mA LDO
logo
Analog Microelectronics
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com