Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7340-7 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7340-7
Description  30V, 250mA TinyPowerTM LDO with Protections
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7340-7 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7340-7 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7340-7 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7340-7 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7340-7 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7340-7 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7340-7 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7340-7 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7340-7 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7340-7 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Rev. 1.30
4
April 15, 2016
HT73xx-7
Typical Performance Characteristic
TestCondition:VIN=VOUT+2V,VCE=VIN,IOUT=10mA,CIN=10μF,COUT=10μFandTa=25ºC,unlessotherwisenoted.
3.25
3.26
3.27
3.28
3.29
3.3
3.31
3.32
3.33
4
7
10
13
16
19
22
25
28
31
VIN(V)
-40°C
25°C
85°C
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5
8
11
14
17
20
23
26
29
32
VIN(V)
-40°C
25°C
85°C
Line Regulation: HT7333-7 (IOUT=10mA)
Line Regulation: HT7350-7 (IOUT=10mA)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
4
7
10
13
16
19
22
25
28
31
VIN(V)
85°C
25°C
-40°C
1
1.5
2
2.5
3
3.5
4
4.5
5
8
11
14
17
20
23
26
29
32
VIN(V)
-40°C
25°C
85°C
ISS vs VIN: HT7333-7 (IOUT=0mA)
ISS vs VIN: HT7350-7 (IOUT=0mA)
0
0.1
0.2
0.3
0.4
0.5
4
7
10
13
16
19
22
25
28
31
VIN(V)
-40°C
25°C
85°C
0
0.1
0.2
0.3
0.4
0.5
5
8
11
14
17
20
23
26
29
32
VIN(V)
-40°C
25°C
85°C
ISHD vs VIN: HT7333-7 (IOUT=0mA)
ISHD vs VIN: HT7350-7 (IOUT=0mA)
0
50
100
150
200
250
0
25
50
75
100
125
150
175
200
225
250
IOUT(mA)
-40°C
25°C
85°C
0
50
100
150
200
250
0
25
50
75
100
125
150
175
200
225
250
IOUT(mA)
-40°C
25°C
85°C
ISS vs IOUT: HT7333-7 (VIN=5.3V)
ISS vs IOUT: HT7350-7 (VIN=7.0V)
0
0.5
1
1.5
2
2.5
3
2.5
5.5
8.5
11.5
14.5
17.5
20.5
23.5
26.5
29.5
32.5
VCE(V)
-40°C
25°C
85°C
0
0.5
1
1.5
2
2.5
3
2.5
5.5
8.5
11.5
14.5
17.5
20.5
23.5
26.5
29.5
32.5
VCE(V)
-40°C
25°C
85°C
ISS vs VCE: HT7333-7 (IOUT=0mA)
ISS vs VCE: HT7350-7 (IOUT=0mA)


Similar Part No. - HT7340-7

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7340-1 HOLTEK-HT7340-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7340-2 HOLTEK-HT7340-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7340-3 HOLTEK-HT7340-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
More results

Similar Description - HT7340-7

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-2 HOLTEK-HT7321-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7521-7 HOLTEK-HT7521-7 Datasheet
2Mb / 25P
   30V, 100mA TinyPowerTM LDO with Protections
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
logo
List of Unclassifed Man...
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
logo
Mitsumi Electronics, Co...
MM1886 MITSUMI-MM1886 Datasheet
183Kb / 21P
   250mA/300mA LDO
logo
Advanced Analog Technol...
AAT3223 AAT-AAT3223 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com