Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7560-7 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7560-7
Description  30V, 100mA TinyPowerTM LDO with Protections
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7560-7 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7560-7 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7560-7 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7560-7 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7560-7 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7560-7 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7560-7 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7560-7 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7560-7 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7560-7 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Rev. 1.10
3
February 18, 2016
HT75xx-7
Absolute Maximum Ratings
Parameter
Value
Unit
VIN
-0.3 to +33
V
VCE
-0.3 to (VIN+0.3)
V
Operating Temperature Range, Ta
-40 to +85
o
C
Maximum Junction Temperature, TJ(MAX)
+150
o
C
Storage Temperature Range
-65 to +165
o
C
Junction-to-Ambient Thermal Resistance, θJA
TO92-3
200
°C/W
SOT89-3
200
°C/W
SOT23-5
500
°C/W
Power Dissipation, PD
TO92-3
0.50
W
SOT89-3
0.50
W
SOT23-5
0.20
W
Note:PDismeasuredatTa=25°C.
Recommended Operating Range
Parameter
Value
Unit
VIN
3.1 to 30
V
VCE
0 to VIN
V
Electrical Characteristics
VIN=VOUT+2V, VCE=VIN, Ta=+25oC and CIN=COUT=10μF, unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
30
V
VOUT
Output Voltage Range
2.1
12.0
V
VO
Output Voltage Accuracy IOUT=10mA
–2
2
%
IOUT
Output Current
VOUT < 5.0V
100
mA
VOUT ≥ 5.0V
150
mA
∆VOUT
Load Regulation
1mA ≤ IOUT ≤ 50mA
15
45
mV
VDIF
Dropout Voltage
IOUT=1mA, VOUT Change=2% (Note)
10
30
mV
ISS1
Quiescent Current
IOUT=0mA
2.5
4.0
μA
ISS2
VCE=2.0V, VIN=30V, IOUT=0mA
3.0
5.0
μA
ISHD
Shutdown Current
VCE=0V
0.1
0.5
μA
∆VOUT
∆VIN × ∆VOUT Line Regulation
(VOUT+1V) ≤ VIN ≤ 30V,
IOUT=1mA
VOUT ≤ 5V
0.1
0.2
%/V
VOUT ≥ 6V
0.2
0.4
%/V
∆VOUT
∆Ta × ∆VOUT Temperature Coefficient I
OUT
=10mA, -40°C < Ta < 85°C
±100
ppm/°C
ISHORT
Output Short Current
VIN=12V, force VOUT=0V
150
mA
TSHD
Shutdown Temperature
160
o
C
TREC
Recovery Temperature
25
o
C
VIH
Enable High Threshold
CE pin, VOUT+1V ≤ VIN ≤ 30V
2.0
V
VIL
Enable Low Threshold
CE pin, VOUT+1V ≤ VIN ≤ 30V
0.6
V
RDIS
Discharge Resistor
CE=0V, measure at VOUT
300
Note:Thedropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changein
theoutputvoltagefromthevalueatVIN=VOUT+2Vwithafixedload.


Similar Part No. - HT7560-7

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7560-1 HOLTEK-HT7560-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7560-1 HOLTEK-HT7560-1 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT7560-2 HOLTEK-HT7560-2 Datasheet
119Kb / 13P
   100mA Low Power LDO
HT7560-2 HOLTEK-HT7560-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
HT7560-3 HOLTEK-HT7560-3 Datasheet
1Mb / 18P
   100mA Low Power LDO
More results

Similar Description - HT7560-7

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-2 HOLTEK-HT7321-2 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT7321-3 HOLTEK-HT7321-3 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7121-3 HOLTEK-HT7121-3 Datasheet
1Mb / 15P
   30mA TinyPowerTM LDO
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT75XX-1 HOLTEK-HT75XX-1_13 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT75XX-2 HOLTEK-HT75XX-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com