Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1338 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1338
Description  Integrated Circuit Module, Hybrid, Dual Driver for 40W to 50W Audio Power Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1338 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1338 Datasheet HTML 1Page - NTE Electronics NTE1338 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1338
Integrated Circuit
Module, Hybrid, Dual Driver for
40W to 50W Audio Power Amp
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage, VCCmax
±55V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Case Temperature, TC
+115
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature Range, Tstg
–30
° to +115°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VG = 40dB, RL = 33kΩ unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
ICCO
VCC = ±43V
20
30
mA
Midpoint Voltage
VN
VCC = ±43V
–50
+50
mV
Output Noise Voltage
VNO
VCC = ±43V, Rg = 0Ω
1.0
mV
Input Impedance
ri
VCC = ±43V, VO = 2.83V, f = 1kHz
31
33
k
Total Harmonic Distortion
THD
VCC = ±36V, VO = 17.9V, f = 20kHz
0.005
0.01
%
(–) VCC
(+) VCC
Pin Connection Diagram
(Front View)
Lt Ch Feedback
GND
GND
Rt Ch Feedback
Rt Ch Feedback
GND
15
14
13
12
Rt Ch Input
GND
11 Rt Ch Output
10
9
8
7
Lt Ch feedback
Lt Ch Output
6
5
GND
4
3
2
Lt Ch Input
1


Similar Part No. - NTE1338

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE133 NTE-NTE133 Datasheet
19Kb / 2P
   N.Channel JFET Silicon Transistor General Purpose AF Amplifier
NTE1330 NTE-NTE1330 Datasheet
21Kb / 2P
   Integrated Circuit Module - Hybrid, Dual, Audio Power Amplifier, 15W/Ch, 2 Power Supplies Required
NTE1331 NTE-NTE1331 Datasheet
20Kb / 2P
   Integrated Circuit Module - Dual, Audio Power Amplifier, 25W/Channel, 2 Power Supplies Required
NTE1333 NTE-NTE1333 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp, 40W, 2 Power Supplies Req?셝
NTE1337 NTE-NTE1337 Datasheet
83Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amp 70 Watt, 2 Power Supplies Required
More results

Similar Description - NTE1338

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1339 NTE-NTE1339 Datasheet
20Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Driver for 80W to 90W Audio Power Amp
NTE1878 NTE-NTE1878 Datasheet
18Kb / 2P
   Integrated Circuit Module, Voltage Amp for 2 Power, 2 Channel, 40W to 50W AF Power Amp
NTE1281 NTE-NTE1281 Datasheet
78Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amplifier, 50W
NTE1333 NTE-NTE1333 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp, 40W, 2 Power Supplies Req?셝
NTE1218 NTE-NTE1218 Datasheet
20Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 7W/Ch
NTE1343 NTE-NTE1343 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 10W/Ch
NTE1359 NTE-NTE1359 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 22W/Ch
NTE1028 NTE-NTE1028 Datasheet
73Kb / 2P
   Integrated Circuit Module, Hybrid, Audio Power Amp 20W
NTE15031 NTE-NTE15031 Datasheet
19Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 18W/Ch, Dual Power Supplies
NTE1879 NTE-NTE1879 Datasheet
21Kb / 2P
   Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 18W/Ch, Dual Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com