Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF25GZ51 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SF25GZ51
Description  MEDIUM POWER CONTROL APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SF25GZ51 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SF25GZ51 Datasheet HTML 1Page - Toshiba Semiconductor SF25GZ51 Datasheet HTML 2Page - Toshiba Semiconductor SF25GZ51 Datasheet HTML 3Page - Toshiba Semiconductor SF25GZ51 Datasheet HTML 4Page - Toshiba Semiconductor SF25GZ51 Datasheet HTML 5Page - Toshiba Semiconductor SF25GZ51 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SF25GZ51,SF25JZ51
2001-05-10
2
ELECTRICAL CHARACTERISTICS
(Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Repetitive Peak Off−State Current and
Repetitive Peak Reverse Current
IDRM
IRRM
VDRM = VRRM = Rated
20
µA
Peak On−State Voltage
VTM
ITM = 80 A
1.5
V
Gate Trigger Voltage
VGT
1.5
V
Gate Trigger Current
IGT
VD = 6 V, RL = 10 Ω
20
mA
Holding Current
IH
VD = 6 V, ITM = 500 mA
100
mA
Critical Rate of Rise of Off−State Voltage
dv / dt
VDRM = Rated, Tc = 125°C
Exponential Rise
50
V / µs
Thermal Resistance
Rth (j−c)
Junction to Case
1.3
°C / W
MARKING
NUMBER
SYMBOL
MARK
SF25GZ51
F25GZ51
*1
TYPE
SF25JZ51
F25JZ51
*2
Example
8A : January 1998
8B : February 1998
8L : December 1998


Similar Part No. - SF25GZ51

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SF25GZ51 KERSEMI-SF25GZ51 Datasheet
916Kb / 5P
   Medium Power Control
More results

Similar Description - SF25GZ51

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SF8G48 TOSHIBA-SF8G48 Datasheet
227Kb / 6P
   MEDIUM POWER CONTROL APPLICATIONS
SF8G41A TOSHIBA-SF8G41A Datasheet
234Kb / 6P
   MEDIUM POWER CONTROL APPLICATIONS
SF16JZ51 TOSHIBA-SF16JZ51 Datasheet
242Kb / 6P
   MEDIUM POWER CONTROL APPLICATIONS
SF5G42 TOSHIBA-SF5G42 Datasheet
270Kb / 6P
   SILICON PLANAR TYPE (MEDIUM POWER CONTROL APPLICATIONS)
logo
Kersemi Electronic Co.,...
SF25GZ51 KERSEMI-SF25GZ51 Datasheet
916Kb / 5P
   Medium Power Control
SF16GZ51 KERSEMI-SF16GZ51 Datasheet
914Kb / 5P
   Medium Power Control
logo
Toshiba Semiconductor
2SC5720 TOSHIBA-2SC5720 Datasheet
95Kb / 3P
   MEDIUM POWER AMPLIFIER APPLICATIONS
2SC3419 TOSHIBA-2SC3419_04 Datasheet
128Kb / 4P
   Medium-Power Amplifier Applications
2SC4781 TOSHIBA-2SC4781_04 Datasheet
94Kb / 3P
   Medium Power Amplifier Applications
logo
Guangdong Kexin Industr...
2SC2982 KEXIN-2SC2982 Datasheet
339Kb / 2P
   Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com