Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6201P511TH Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6201P511TH
Description  Positive Voltage Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P511TH Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6201P511TH Datasheet HTML 2Page - Torex Semiconductor XC6201P511TH Datasheet HTML 3Page - Torex Semiconductor XC6201P511TH Datasheet HTML 4Page - Torex Semiconductor XC6201P511TH Datasheet HTML 5Page - Torex Semiconductor XC6201P511TH Datasheet HTML 6Page - Torex Semiconductor XC6201P511TH Datasheet HTML 7Page - Torex Semiconductor XC6201P511TH Datasheet HTML 8Page - Torex Semiconductor XC6201P511TH Datasheet HTML 9Page - Torex Semiconductor XC6201P511TH Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
XC6201 Series
190
3
1 2 3 4
5 6
TO-92(L Type)
(TOP VIEW)
6201
L
1 2 3 4
5 6
TO-92(T Type)
(TOP VIEW)
6201
■Block Diagram
Current
Limit
Voltage
Reference
VIN
VOUT
VSS
GTO-92
DESIGNATOR
P
T
PRODUCT NAME
XC6201P*****
XC6201T*****
DESIGNATOR
1
2
DETECT VOLTAGE ACCURACY
within ±1%
within ±2%
DESIGNATOR
PRODUCT NAME
XC6201*33***
XC6201*50***
PRODUCT NAME
XC6201P**1**
XC6201P**2**
3
5
3
0
VOLTAGE(V)
3.3
5.0
DESIGNATOR
0
1
Produced year
2000
2001
we Represents the Output Voltage
y Denotes the production lot number
0 to 9, A to Z repeated(G.I.J.O.Q.W excepted)
 Note : Character inversion is not used
t Represents a least significant digit of the produced year
q Represents the type of regulator
r Represents the Detect Voltage Accuracy
03S_01XC6201 02.9.12 2:35 PM ページ 190


Similar Part No. - XC6201P511TH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201P501DR TOREX-XC6201P501DR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P501DR-G TOREX-XC6201P501DR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P501MR TOREX-XC6201P501MR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P501MR TOREX-XC6201P501MR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P501MR-G TOREX-XC6201P501MR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
More results

Similar Description - XC6201P511TH

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com