Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5406DC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI5406DC
Description  N-Channel 2.5-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5406DC Datasheet(HTML) 4 Page - Vishay Siliconix

  SI5406DC Datasheet HTML 1Page - Vishay Siliconix SI5406DC Datasheet HTML 2Page - Vishay Siliconix SI5406DC Datasheet HTML 3Page - Vishay Siliconix SI5406DC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Si5406DC
Vishay Siliconix
www.vishay.com
2-4
Document Number: 71657
S-21251—Rev. B, 05-Aug-02
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
30
50
10
20
Single Pulse Power
Time (sec)
40
1
100
600
10
10--1
10--2
10--3
10--3
10--2
1
10
600
10--1
10--4
100
--0.4
--0.3
--0.2
--0.1
--0.0
0.1
0.2
--50
--25
0
25
50
75
100
125
150
ID =1.2 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ -- Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA =80_C/W
3. TJM -- TA =PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
10--3
10--2
110
10--1
10--4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)


Similar Part No. - SI5406DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5406CDC VISHAY-SI5406CDC Datasheet
143Kb / 7P
   N-Channel 12-V (D-S) MOSFET
Rev. A, 14-Apr-08
logo
Vishay Telefunken
SI5406CDC TFUNK-SI5406CDC Datasheet
251Kb / 11P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI5406CDC-T1-GE3 VISHAY-SI5406CDC-T1-GE3 Datasheet
143Kb / 7P
   N-Channel 12-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results

Similar Description - SI5406DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9428DY VISHAY-SI9428DY Datasheet
38Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 26-May-03
SI5404DC VISHAY-SI5404DC Datasheet
66Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 13-Oct-03
logo
Guangdong Kexin Industr...
KI5404BDC KEXIN-KI5404BDC Datasheet
63Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3442BDV VISHAY-SI3442BDV_17 Datasheet
189Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI9426DY VISHAY-SI9426DY Datasheet
39Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 26-May-03
SI4466DY-T1-E3 VISHAY-SI4466DY-T1-E3 Datasheet
230Kb / 8P
   N-Channel 2.5-V (G-S) MOSFET
Rev. F, 04-May-09
SI6466ADQ VISHAY-SI6466ADQ Datasheet
81Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 18-Aug-03
SI3442BDV-T1-GE3 VISHAY-SI3442BDV-T1-GE3 Datasheet
185Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
logo
Guangdong Kexin Industr...
KI5406DC KEXIN-KI5406DC Datasheet
62Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3446DV VISHAY-SI3446DV Datasheet
91Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com