Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20133DSP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R2A20133DSP
Description  Critical Conduction Mode PFC Control IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20133DSP Datasheet(HTML) 5 Page - Renesas Technology Corp

  R2A20133DSP_16 Datasheet HTML 1Page - Renesas Technology Corp R2A20133DSP_16 Datasheet HTML 2Page - Renesas Technology Corp R2A20133DSP_16 Datasheet HTML 3Page - Renesas Technology Corp R2A20133DSP_16 Datasheet HTML 4Page - Renesas Technology Corp R2A20133DSP_16 Datasheet HTML 5Page - Renesas Technology Corp R2A20133DSP_16 Datasheet HTML 6Page - Renesas Technology Corp R2A20133DSP_16 Datasheet HTML 7Page - Renesas Technology Corp R2A20133DSP_16 Datasheet HTML 8Page - Renesas Technology Corp R2A20133DSP_16 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
R2A20133DSP
Preliminary
R03DS0052EJ0401 Rev.4.01
Page 5 of 13
Jan 08, 2016
Electrical Characteristics
(Ta = 25°C, VCC = 12 V, CS = 0.04 V, FB = 2 V, COMP: Open, OVP2 = 1 V, RRT = 200 k
Ω)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Supply
UVLO turn-on threshold
Vuvlh
8.8
9.5
10.2
V
UVLO turn-off threshold
Vuvll
8.1
8.5
8.9
V
UVLO hysteresis
Hysuvl
0.6
1.0
1.4
V
Standby current
Istby
100
200
μA
VCC = Vuvlh – 0.2 V
Operating current
Icc
1.8
2.6
mA
Error
amplifier
Feedback voltage
Vfb
2.472
2.510
2.548
V
FB-COMP short
Temperature stability
dVfb
±80
ppm/°C
Ta = –40 to +125°C *1
Input bias current
Ifb
–0.40
–0.15
–0.05
μA
Measured pin: FB
Open loop gain
Av
65
dB
*
1
Upper clamp voltage
Vclamp-comp
3.75
4.10
4.35
V
FB = 2.45 V
COMP: Open
Low voltage
Vl-comp
0.1
0.3
V
FB = 3.0 V
COMP: Open
Source current1
Isrc-comp1
–13.5
–10
–6
μA
FB = 1.7 V
COMP = 2.5 V
Source current2
Isrc-comp2
Isrc-comp1
×3.3
Isrc-comp1
×3.0
Isrc-comp1
×2.7
μA
FB = 1.5 V
COMP = 2.5 V
Sink current
Isnk-comp
6
10
13.5
μA
FB = 3.5 V
COMP = 2.5 V
Transconductance
gm
25
46
75
μS
FB = 2.45V
↔ 2.55 V
COMP = 2.5 V
RT
RAMP offset voltage
Voff_ramp
1.0
V
*
1
RAMP amplitude
dVramp
2.90
3.1
3.3
V
*
2
RT voltage
V-rt
2.5
2.6
2.7
V
ZCD delay time
Zcd-delay
0.87
μs
RRT = 200 k
Ω *1
Maximum frequency
fmax
500
kHz
RRT = 200 k
Ω *1
Zero
current
detector
ZCD threshold voltage
Vzcd
1
3
6
mV
Input bias current
Ics
–58
–42
–25
μA
Vcs = 0 V
CS open detect
threshold voltage
Vcs-open
45
72.5
130
mV
Restart
Restart time delay
Tstart
75
150
330
μs
FB = 2.0 V
COMP = 2.5 V
Notes: *1 Design spec
*2 dVramp = Vclamp_comp – Voff_ramp


Similar Part No. - R2A20133DSP_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20133DSP RENESAS-R2A20133DSP_15 Datasheet
130Kb / 14P
   Critical Conduction Mode PFC Control IC
More results

Similar Description - R2A20133DSP_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP_15 Datasheet
116Kb / 14P
   Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2016S SANKEN-SSC2016S Datasheet
673Kb / 22P
   Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20113ASP RENESAS-R2A20113ASP_V01 Datasheet
280Kb / 13P
   Critical Conduction Mode PFC Control IC
Jan 08, 2016
R2A20113DD RENESAS-R2A20113DD Datasheet
113Kb / 7P
   Critical Conduction Mode PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP Datasheet
113Kb / 13P
   Critical Conduction Mode PFC Control IC
logo
Sanken electric
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
   Critical Conduction Mode PFC Control IC
logo
Renesas Technology Corp
R2A20133BSP RENESAS-R2A20133BSP_15 Datasheet
116Kb / 14P
   Critical Conduction Mode PFC Control IC
R2A20133DSP RENESAS-R2A20133DSP_15 Datasheet
130Kb / 14P
   Critical Conduction Mode PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com