Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20134SP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R2A20134SP
Description  LED Lighting Power Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20134SP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R2A20134SP_16 Datasheet HTML 1Page - Renesas Technology Corp R2A20134SP_16 Datasheet HTML 2Page - Renesas Technology Corp R2A20134SP_16 Datasheet HTML 3Page - Renesas Technology Corp R2A20134SP_16 Datasheet HTML 4Page - Renesas Technology Corp R2A20134SP_16 Datasheet HTML 5Page - Renesas Technology Corp R2A20134SP_16 Datasheet HTML 6Page - Renesas Technology Corp R2A20134SP_16 Datasheet HTML 7Page - Renesas Technology Corp R2A20134SP_16 Datasheet HTML 8Page - Renesas Technology Corp R2A20134SP_16 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
R2A20134SP
Preliminary
R03DS0033EJ0301 Rev.3.01
Page 4 of 10
Jan 08, 2016
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Note
Power Supply Voltage
VCC
–0.3 to +24
V
OUT terminal peak current
Ipk-snk-out
0.9
A
3
Ipk-src-out
–0.50
OUT terminal DC current
Idc-snk-out
100
mA
Idc-src-out
–50
RT terminal current
Irt
–200
μA
VREF terminal current
Iref
–5
mA
Vref terminal voltage
Vt-ref
–0.3 to Vref + 0.3
V
FB terminal voltage
Vt-fb
–0.3 to +5
V
CS terminal voltage
Vcs
–0.3 to +5
V
Power dissipation
Pt
0.68
W
4
Operating ambient temperature
Ta-opr
–40 to +125
°C
Junction temperature
Tj
–40 to +150
°C
5
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Rated voltages are with reference to the GND terminal.
2. For rated currents, inflow to the IC is indicated by (+), and outflow by (–).
3. Shows the transient current when driving a capacitive load.
4. In case of R2A20134SP:
θja = 120°C/W
This value is a thing mounting on 40
× 40 × 1.6 [mm], a glass epoxy board of wiring density 10%.
5. Stresses exceeding the absolute maximum ratings may damage the device.
These are stress ratings only. Functional operation above the recommended operating ambient temperature
range is not implied.
Extended exposure to stresses above the absolute maximum ratings may affect device reliability.


Similar Part No. - R2A20134SP_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
More results

Similar Description - R2A20134SP_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
   LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP Datasheet
734Kb / 14P
   LED Lighting Power Controller
Jan 08, 2016
logo
Texas Instruments
UCC28810 TI-UCC28810_11 Datasheet
1Mb / 33P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
UCC28810 TI-UCC28810 Datasheet
1Mb / 31P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_15 Datasheet
570Kb / 14P
   LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_15 Datasheet
117Kb / 12P
   LED Lighting Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com