Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA230133 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RAA230133
Description  16V Input, 3A, Step-Down DC/DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA230133 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RAA230133 Datasheet HTML 1Page - Renesas Technology Corp RAA230133 Datasheet HTML 2Page - Renesas Technology Corp RAA230133 Datasheet HTML 3Page - Renesas Technology Corp RAA230133 Datasheet HTML 4Page - Renesas Technology Corp RAA230133 Datasheet HTML 5Page - Renesas Technology Corp RAA230133 Datasheet HTML 6Page - Renesas Technology Corp RAA230133 Datasheet HTML 7Page - Renesas Technology Corp RAA230133 Datasheet HTML 8Page - Renesas Technology Corp RAA230133 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Page 1 of 26
RAA23012x RAA23013x
R18DS0015EJ0100 REV.1.00
Apr.15.2015
Description
The RAA23012x and RAA23013x are 1CH step-down DC/DC converter, 4.5V to 16V input voltage rage and 3A
output current. Auto PFM mode makes devices low power operation at light load, so it makes a system lower
power.
The RAA23012x is suitable for battery backup system using lithium primary cell with built-in battery backup
circuit.
Features
DC/DC
Synchronous rectification type step-down DC/DC
Auto PFM mode
Battery backup circuit (RAA23012x)
Input voltage range
4.5V to 16V
Output voltage range
0.8V to 6V
Maximum output current
3A
Shutdown current
1uA (typ.)
Switching frequency
1.1MHz (fixed)
Soft start
2ms (fixed)
Integrated power MOSFETs
Discharge circuit
Internal phase compensator
Protection circuit
Short circuit protection (latch type)
Thermal shutdown circuit
165°C (typ.)
Under voltage lockout circuit (recovery type)
Package
16-pin HTSSOP (RAA23012x)
8-pin HLSOP (RAA23013x)
Application
Communication (Router, Home Gate Way, Radio, etc.)
Industrial (Surveillance camera, Various controller, etc.)
Building (Security device, Emergency device, Various controller, etc.)
OA (Printer, Plane paper copier, etc.)
Smart meter
Smart home appliances
And, usable various application
Note: The information contained in this document is being issued in advance of the production cycle for the product.
The parameters for the product may change before final production, or Renesas Electronics Corporation, at its
own discretion, may withdraw the product prior to its production.
A quality grade of RAA23012x series is “Standard”. Recommended applications are indicated below.
Computers, office equipment, communications equipment, test and measurement equipment,
audio and visual equipment, home electronic appliances, machine tools, personal electronic
equipment, and industrial robots, etc.
RAA23012x RAA23013x
16V Input, 3A, Step-Down DC/DC Converter
+ Battery Backup
R18DS0015EJ0100
REV.1.00
Apr.15.2015
Datasheet


Similar Part No. - RAA230133

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA230141 RENESAS-RAA230141 Datasheet
821Kb / 27P
   28.0V Input, Step-Down DC/DC Converter
RAA230142 RENESAS-RAA230142 Datasheet
821Kb / 27P
   28.0V Input, Step-Down DC/DC Converter
RAA230143 RENESAS-RAA230143 Datasheet
821Kb / 27P
   28.0V Input, Step-Down DC/DC Converter
RAA23014X RENESAS-RAA23014X Datasheet
821Kb / 27P
   28.0V Input, Step-Down DC/DC Converter
RAA230151 RENESAS-RAA230151 Datasheet
821Kb / 27P
   28.0V Input, Step-Down DC/DC Converter
More results

Similar Description - RAA230133

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
   16V Input, 3A, Dual Step-Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7231A AITSEMI-A7231A Datasheet
893Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 3A, 16V SYNCHRONOUS
REV1.0
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
Zilog, Inc.
IXD3220 ZILOG-IXD3220 Datasheet
1Mb / 18P
   16V Input Voltage Step-Down DC/DC Controller
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
   18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com