Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2731APAL Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD2731APAL
Description  PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2731APAL Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD2731APAL Datasheet HTML 1Page - Advanced Linear Devices ALD2731APAL Datasheet HTML 2Page - Advanced Linear Devices ALD2731APAL Datasheet HTML 3Page - Advanced Linear Devices ALD2731APAL Datasheet HTML 4Page - Advanced Linear Devices ALD2731APAL Datasheet HTML 5Page - Advanced Linear Devices ALD2731APAL Datasheet HTML 6Page - Advanced Linear Devices ALD2731APAL Datasheet HTML 7Page - Advanced Linear Devices ALD2731APAL Datasheet HTML 8Page - Advanced Linear Devices ALD2731APAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD2731A/ALD2731
Advanced Linear Devices
3 of 9
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
ALD2731A
ALD2731
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Input Offset Voltage
VOS
2.0
3.0
mV
RS ≤ 100KΩ
Input Offset Current
IOS
2.0
2.0
nA
Input Bias Current
IB
2.0
2.0
nA
Power Supply Rejection Ratio
PSRR
75
75
dB
RS ≤ 100KΩ
Common Mode Rejection Ratio
CMRR
83
83
dB
RS ≤ 100KΩ
Large Signal Voltage Gain
AV
50
50
V/mV
RL = 100KΩ
Output Voltage Range
VO low
-2.47
-2.40
-2.47
-2.40
V
RL = 100KΩ
VO high
2.35
2.45
2.35
2.45
V
VS = ±2.5V -55°C TA +125°C unless otherwise specified
ALD2731A
ALD2731
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Power Supply Rejection Ratio
PSRR
90
90
dB
RS ≤ 100KΩ
Common Mode Rejection Ratio
CMRR
90
90
dB
RS ≤ 100KΩ
Large Signal Voltage Gain
AV
250
250
V/mV
RL = 100KΩ
Output Voltage Range
VO low
-4.98
-4.90
-4.98
-4.90
V
RL = 100KΩ
VO high
4.90
4.98
4.90
4.98
Bandwidth
BW
1.0
1.0
MHz
Slew Rate
SR
1.0
1.0
V/µsAV = +1, CL = 50pF
TA = 25°C VS = ±5.0V unless otherwise specified
ALD2731A
ALD2731
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Rise time
tr
0.2
0.2
µsRL = 100KΩ
Overshoot Factor
20
20
%
RL = 100KΩ,
CL = 50pF
Settling Time
ts
10
10
µs
0.1%, AV = 100,
RL = 100KΩ,
CL = 50pF
Channel Separation
cs
140
140
dB
AV = 100
TA = 25°C VS = ±2.5V unless otherwise specified (cont'd)


Similar Part No. - ALD2731APAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2732 ALD-ALD2732 Datasheet
92Kb / 9P
   PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
   PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD2732ADA ALD-ALD2732ADA Datasheet
92Kb / 9P
   PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD2732APAL ALD-ALD2732APAL Datasheet
92Kb / 9P
   PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD2732ASAL ALD-ALD2732ASAL Datasheet
92Kb / 9P
   PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2731APAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062_14 Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com