Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD910028 Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD910028
Description  SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAYS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD910028 Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD910028 Datasheet HTML 1Page - Advanced Linear Devices ALD910028 Datasheet HTML 2Page - Advanced Linear Devices ALD910028 Datasheet HTML 3Page - Advanced Linear Devices ALD910028 Datasheet HTML 4Page - Advanced Linear Devices ALD910028 Datasheet HTML 5Page - Advanced Linear Devices ALD910028 Datasheet HTML 6Page - Advanced Linear Devices ALD910028 Datasheet HTML 7Page - Advanced Linear Devices ALD910028 Datasheet HTML 8Page - Advanced Linear Devices ALD910028 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ALD8100XX/ALD9100XX SUPERCAPACITOR
Advanced Linear Devices, Inc.
4 of 17
AUTO BALANCING (SAB) MOSFET ARRAY FAMILY
CHOOSING A SPECIFIC SAB MOSFET
In choosing SAB MOSFETs for a specific application, go to the
SAB MOSFET selection table, (Table 1 for ALD8100xx devices,
Table 2 for ALD9100xx devices) where each SAB MOSFET Part
Number and its respective parameters are listed. First, select an
SAB MOSFET IOUT Current horizontally across the top row of the
Table(s). Next, look down that column to the row that contains the
maximum desired VIN voltage. The appropriate ALD part number
is in the first column of that row. The part number of an SAB
MOSFET references its rated threshold voltage, but that is not nec-
essarily the desired operating voltage where the auto-balancing
supercapacitor operates. Generally, the recommended maximum
supercapacitor IOUT auto-balancing for the ALD8100xx/ALD9100xx
family is about 1mA. When supercapacitor leakage current exceeds
1mA, the effectiveness of the SAB MOSFET auto-balancing gradu-
ally diminishes and there is additional leakage current contribution
from the SAB MOSFET itself as its VIN increases. Please contact
techsupport@aldinc.com for more information or technical assis-
tance.
A DESIGN EXAMPLE
A single 5V power supply using two 2.7V rated supercapacitors
connected in series and a single ALD810026 SAB MOSFET array
package (using two of the four devices in the package).
For a supercapacitor with:
1) max. operating voltage = 2.70V and
2) max. leakage current = 10µA at 70°C.
3) At 2.50V, the supercapacitor max. leakage current = 2.5µA at
25°C.
Next, pick ALD810026, a SAB MOSFET with Vt = 2.60V. For this
device, at VIN = 2.60V, the nominal IOUT = 1µA. See Table 1, at
VIN = 2.50V, IOUT ~= 0.1µA.
At a nominal VIN of 2.50V, the additional leakage current contribu-
tion by the ALD810026 is therefore ~= 0.1µA. The total leakage
current for the supercapacitor and the SAB MOSFET = 2.5µA +
0.1µA ~= 2.6µA @ 2.50V operating voltage. When operating volt-
age becomes 2.40V, additional ALD810026 leakage current con-
tribution decreases to about 0.01µA.
At VIN of 2.70V across the ALD810026 SAB MOSFET, IOUT = 10µA.
10µA is also the max. leakage current design margin, the differ-
ence between top and bottom supercapacitor leakage currents that
can be compensated.
If a higher max. leakage current margin is desired, then SAB
MOSFET selection may need to go to the next SAB MOSFET part
down in Table 1, which is ALD810025. For ALD810025 operating
at a max. rated voltage of 2.70V, the max. leakage current margin
is ~= 50µA. For this device, IOUT at 2.50V is ~= 1µA, which is the
average current consumption for the series-connected stack. The
total current for the supercapacitor and the SAB MOSFET is = 2.5µA
+ 1µA ~= 3.5µA @ 2.50V operating voltage.
Because an SAB MOSFET is always active and always in “on”
mode, there is no circuit switching or sleep mode involved. This
may become an important factor when the time interval between
the supercap discharging or recharging, and other events happen-
ing in the application, is long, unknown or variable. The circuit op-
eration is also greatly simplified.
In real life situations, the actual circuit behavior is a little different,
further reducing overall leakage currents from both supercapacitors
and SAB MOSFETs, due to the automatic compensation for differ-
ent leakage currents from the supercapacitors by themselves and
in combination with the SAB MOSFETs. Take an example of two
supercapacitors in series, assuming that the top supercapacitor is
leaking 10µA and the bottom one is leaking 4µA (both at the rated
2.7V max.) while the power supply remains at 5V DC. The actual
voltage across the top supercapacitor tends to be less than 2.5V
(50% of 5.0V), due to its higher internal leakage current, and re-
sults in a lowered current level than 10µA because the current tends
to be lower at less than 2.7V. As the total voltage across both
supercapacitors is still 5.0V, each supercapacitor would experience
a lowered voltage than its maximum rated voltage of 2.7V, thereby
resulting in reduced overall leakage currents in each of the two
supercapacitors.
These leakage currents are then further regulated by the SAB
MOSFETs connected across each of the supercapacitors. The end
result is a compensated condition where, for example, the top
supercapacitor has VIN of ~2.4V across it and the bottom
supercapacitor has VIN of ~2.6V. The excess leakage current of
the top supercapacitor is bypassed across the bottom SAB
MOSFET. Meanwhile the top SAB MOSFET, with ~2.4V across it,
is biased to conduct very little IOUT. Note also that the top
supercapacitor is now biased at ~2.4V and, therefore, would expe-
rience less current leakage than when it is at 2.7V. The key point
here is that this process of leakage current balancing is fully auto-
matic and works for a variety of supercapacitors, each with its own
different leakage current characteristic profile.
A second factor to note is that with ~2.4V and ~2.6V across the two
supercapacitors, as in this example, the actual current level differ-
ence between the top and the bottom SAB MOSFETs is at about a
100:1 ratio (~2 orders of magnitude). The net additional leakage
current contributed by the ALD810026 in the design example above
would, therefore, be approximately 0.01µA. In this case, leakage
currents between the two supercapacitors can be at a ratio of 100:1
and still experience charge balancing and voltage regulation. If a
range of supercapacitor leakge currents can be determined or se-
lected for a particular model of supercapacitor across different pro-
duction batches, then a SAB MOSFET part can be specified that
further minimizes any SAB leakage currents and still maintains bal-
anced supercapacitor voltages within a narrow range.
The dynamic response of a SAB MOSFET circuit is very fast, and
the typical response time is determined by the RC time constant of
the equivalent ON resistance value RON of the SAB MOSFET and
the capacitance value C of the supercapacitor. In many cases the
RON value is small initially, responding rapidly to a large voltage
transient by having a smaller RONC time constant. As the volt-
ages settle down, the equivalent RON increases. As these RON
and C values can become very large, it can take a long time for the
voltages across the supercaps to settle down to steady state lev-
els. The direction of the voltage movements across the
supercapacitor, however, can indicate that the supercapacitor volt-
ages are moving away from the voltage limits.
A HIGH LEAKAGE CURRENT DESIGN EXAMPLE
A nominal 12V DC power supply connects across a supercapacitor
series stack consisting of six 2.0V supercapacitor cells. Each cell
has a nominal operating voltage of 2.0V and is rated at 2.5V max.
Maximum voltage across the stack is 13.92V, which results in a
per-cell voltage of 2.32V. The max. leakage current for the
supercapacitor is rated at 1mA at 2.5V.
Next, we choose a maximum acceptable supercapacitor in-balance
stack voltage of 2.42V, which allows for temperature and aging ef-
fects, among other factors. When we look down the column of
1000µA (1mA) in Table 1 to locate a VIN voltage of 2.42V, we find
the corresponding ALD part number to be ALD810019.
ALD8100XX/ALD9100XX FAMILY GENERAL DESCRIPTION (cont.)


Similar Part No. - ALD910028

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD910028 ALD-ALD910028 Datasheet
523Kb / 17P
   QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD910028 ALD-ALD910028 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD910028SALI ALD-ALD910028SALI Datasheet
83Kb / 4P
   4-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
ALD910028SALI ALD-ALD910028SALI Datasheet
56Kb / 4P
   2-CHANNEL SUPERCAPACITOR AUTO BALANCING PCB
More results

Similar Description - ALD910028

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD810023 ALD-ALD810023 Datasheet
523Kb / 17P
   QUAD SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
ALD810025 ALD-ALD810025 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810020 ALD-ALD810020 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810024 ALD-ALD810024 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810027 ALD-ALD810027 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
ALD810019 ALD-ALD810019 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810022 ALD-ALD810022 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810017 ALD-ALD810017 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810018 ALD-ALD810018 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB) MOSFET ARRAY
ALD810028 ALD-ALD810028_V01 Datasheet
449Kb / 6P
   QUAD/DUAL SUPERCAPACITOR AUTO BALANCING (SAB?? MOSFET ARRAY
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com