Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LV1023 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN65LV1023
Description  30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LV1023 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LV1023 Datasheet HTML 5Page - Texas Instruments SN65LV1023 Datasheet HTML 6Page - Texas Instruments SN65LV1023 Datasheet HTML 7Page - Texas Instruments SN65LV1023 Datasheet HTML 8Page - Texas Instruments SN65LV1023 Datasheet HTML 9Page - Texas Instruments SN65LV1023 Datasheet HTML 10Page - Texas Instruments SN65LV1023 Datasheet HTML 11Page - Texas Instruments SN65LV1023 Datasheet HTML 12Page - Texas Instruments SN65LV1023 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SN65LV1023/SN65LV1224
30MHz TO 66MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SLLS527G − FEBRUARY 2002 − REVISED JANUARY 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
serializer timing requirements for TCLK over recommended operating supply and temperature
ranges (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tTCP
Transmit clock period
15.15
T
33.33
ns
tTCIH
Transmit clock high time
0.4T
0.5T
0.6T
ns
tTCIL
Transmit clock low time
0.4T
0.5T
0.6T
ns
tt(CLK)
TCLK input transition time
3
6
ns
tJIT
TCLK input jitter
See Figure 17
150
ps
(RMS)
serializer switching characteristics over recommended operating supply and temperature ranges
(unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tTLH(L)
LVDS low-to-high transition time
RL = 27 Ω, CL = 10 pF to GND,
0.2
0.4
ns
tLTHL(L) LVDS high-to-low transition time
RL = 27 Ω, CL = 10 pF to GND,
See Figure 4
0.25
0.4
ns
tsu(DI)
DIN0−DIN9 setup to TCLK
RL = 27 Ω, CL = 10 pF to GND,
0.5
ns
tsu(DI)
DIN0−DIN9 hold from TCLK
RL = 27 Ω, CL = 10 pF to GND,
See Figure 7
4
ns
td(HZ)
DO
± high-to-high-impedance-state delay
2.5
5
td(LZ)
DO
± low-to-high-impedance-state delay
2.5
5
td(ZH)
DO
± high-to-high-impedance-state-to-
high delay
RL = 27 Ω, CL = 10 pF to GND,
See Figure 8
5
10
ns
td(ZL)
DO
± high-to-high-impedance-state-to-low
delay
See Figure 8
6.5
10
tw(SPW) SYNC pulse duration
RL = 27 Ω, See Figure 10
6
×tTCP
ns
t(PLD)
Serializer PLL lock time
RL = 27 Ω, See Figure 10
1026
×tTCP
ns
td(S)
Serializer delay
RL = 27 Ω, See Figure 11
t
TCP
2
) 3.6
ns
tDJIT
Deterministic jitter
30 MHz
RL = 27 Ω, CL = 10 pF to GND
230
ps
tDJIT
Deterministic jitter
66 MHz
RL = 27 Ω, CL = 10 pF to GND
150
ps
tRJIT
Random jitter
RL = 2.7 Ω, CL = 10 pF to GND
10
19
ps
(RMS)


Similar Part No. - SN65LV1023

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1023

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
logo
ams AG
AS1160 AMSCO-AS1160 Datasheet
902Kb / 29P
   20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com