Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10277D Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F10277D
Description  True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10277D Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F10277D Datasheet HTML 1Page - Renesas Technology Corp R5F10277D Datasheet HTML 2Page - Renesas Technology Corp R5F10277D Datasheet HTML 3Page - Renesas Technology Corp R5F10277D Datasheet HTML 4Page - Renesas Technology Corp R5F10277D Datasheet HTML 5Page - Renesas Technology Corp R5F10277D Datasheet HTML 6Page - Renesas Technology Corp R5F10277D Datasheet HTML 7Page - Renesas Technology Corp R5F10277D Datasheet HTML 8Page - Renesas Technology Corp R5F10277D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0210 Rev.2.10
Mar 25, 2016
Page 3 of 106
1.2 List of Part Numbers
Figure 1-1. Part Number, Memory Size, and Package of RL78/G12
Part No. R 5 F 1 0 2 A A A x x x S P #V0
Package type:
ROM number (Omitted with blank products)
ROM capacity:
RL78/G12 group
Renesas MCU
Renesas semiconductor product
SP : LSSOP, 0.65 mm pitch
NA : HWQFN, 0.50 mm pitch
#U5
#V0, #V5
#W5
#X0, #X5
6 : 2 KB
7 : 4 KB
8 : 8 KB
9 : 12 KB
A : 16 KB
Pin count:
6 : 20-pin
7 : 24-pin
A : 30-pin
Classification:
A : Consumer applications, TA = -40°C to +85°C
D : Industrial applications, TA = -40°C to +85°C
G : Industrial applications, TA = -40°C to +105°C
Memory type:
F : Flash memory
Packaging specifications:
102
Note 1
103
Notes 1, 2
: Tray (HWQFN)
: Tray (LSSOP30), Tube (LSSOP20)
: Embossed Tape (HWQFN)
: Embossed Tape (LSSOP30, LSSOP20)
Notes 1.
For details about the differences between the R5F102 products and the R5F103 products of RL78/G12,
see 1.1 Differences between the R5F102 Products and the R5F103 Products.
2.
Products only for "A: Consumer applications (TA = -40 to +85
C)" and "D: Industrial applications (TA = -40 to
+85
C)"
<R>


Similar Part No. - R5F10277D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10277 RENESAS-R5F10277 Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F10277D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
   True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
RL78G1A_15 RENESAS-RL78G1A_15_15 Datasheet
1Mb / 126P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
   True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
   True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
R5F10E8AALA RENESAS-R5F10E8AALA Datasheet
965Kb / 79P
   Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
   Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
   Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
   Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
logo
Freescale Semiconductor...
AR4100 FREESCALE-AR4100 Datasheet
659Kb / 29P
   Low power modes consuming as little as 5 關A of current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com