Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11CBCG Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F11CBCG
Description  Ultra-low power consumption technology
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11CBCG Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F11CBCG Datasheet HTML 1Page - Renesas Technology Corp R5F11CBCG Datasheet HTML 2Page - Renesas Technology Corp R5F11CBCG Datasheet HTML 3Page - Renesas Technology Corp R5F11CBCG Datasheet HTML 4Page - Renesas Technology Corp R5F11CBCG Datasheet HTML 5Page - Renesas Technology Corp R5F11CBCG Datasheet HTML 6Page - Renesas Technology Corp R5F11CBCG Datasheet HTML 7Page - Renesas Technology Corp R5F11CBCG Datasheet HTML 8Page - Renesas Technology Corp R5F11CBCG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 111 page
background image
RL78/I1E
1. OUTLINE
R01DS0274EJ0110 Rev. 1.10
Page 5 of 108
Jun 30, 2016
1.3.2
36-pin products
• 36-pin plastic TFBGA (4 × 4 mm, 0.5 mm pitch)
Caution 1. Connect the REGC pin to the VSS pin via a capacitor (0.47 to 1
F).
Caution 2. Connect the REGA pin to the AVSS pin via a capacitor (0.22
F).
Caution 3. Make the AVSS pin the same potential as the VSS pin.
Caution 4. Make the AVDD pin the same potential as the VDD pin.
Caution 5. Connect the SBIAS pin to the AVSS pin via a capacitor (0.22
F).
AB
C
D
E
F
6
PGA2P
PGA1N
PGA1P
PGA0P
PGA3P
AVSS
6
5
PGA2N
P40/TOOL0
PGA0N
PGA3N
REGA
SBIAS
5
4
RESET
P137/SSI00/
INTP0
P11/SI01/RXD1/
SDA01/TI03/
TO03/INTP2/
TRGCLKA/
TRJIO0
P12/SCK01/
SCL01/TI11/
TO11/INTP3/
PCLBUZ0/
TRGIOB/TRJO0
ANI0
AVDD
4
3
P122/EXCLK/X2
P15/SCK00/
SCL00/TI10/
TO10/INTP6/
TRGCLKB
P10/SO01/TXD1/
TI01/TO01/
INTP1/TRGIOA
ANI3/AMP0P/
ANX1
ANI2/AMP0N/
ANX0
ANI1/AMP0O
3
2
P121/X1
REGC
P14/SI00/RXD0/
SDA00/TI02/
TO02/INTP5/
TOOLRXD
P41/ANI6/
AMP1P/ANX3
P42/ANI5/
AMP1N/ANX2
ANI4/AMP1O
2
1
VDD
VSS
P13/SO00/TXD0/
TI00/TO00/INTP4/
TOOLTXD/
RTC1HZ
P16/INTP7/ANI9/
AMP2P/ANX5
P17/ANI8/
AMP2N/ANX4
ANI7/AMP2O
1
AB
C
D
E
F
<R>
Top View
Bottom View
6
5
4
3
2
1
INDEX MARK
AB
C
D
E
F
F
E
D
C
B
A
RL78/I1E
(Top View)


Similar Part No. - R5F11CBCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F110ME RENESAS-R5F110ME Datasheet
1Mb / 153P
   RENESAS MCU
R5F110ME RENESAS-R5F110ME Datasheet
153Kb / 17P
   PG-FP5
R5F110MEA RENESAS-R5F110MEA Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MEG RENESAS-R5F110MEG Datasheet
1Mb / 153P
   Ultra-Low Power Technology
R5F110MF RENESAS-R5F110MF Datasheet
1Mb / 153P
   RENESAS MCU
More results

Similar Description - R5F11CBCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
   Ultra low power consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
   Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
   Ultra low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com