Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F107AEG Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F107AEG
Description  Ultra-Low Power Technology
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F107AEG Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F107AEG Datasheet HTML 1Page - Renesas Technology Corp R5F107AEG Datasheet HTML 2Page - Renesas Technology Corp R5F107AEG Datasheet HTML 3Page - Renesas Technology Corp R5F107AEG Datasheet HTML 4Page - Renesas Technology Corp R5F107AEG Datasheet HTML 5Page - Renesas Technology Corp R5F107AEG Datasheet HTML 6Page - Renesas Technology Corp R5F107AEG Datasheet HTML 7Page - Renesas Technology Corp R5F107AEG Datasheet HTML 8Page - Renesas Technology Corp R5F107AEG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 107 page
background image
RL78/I1A
1. OUTLINE
Page 3 of 105
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
1.2 List of Part Numbers
Figure 1-1. Part Number, Memory Size, and Package of RL78/I1A
Part No. R 5 F 1 0 7 D E G x x x S P # V 0
Package type:
ROM number (Omitted with blank products)
ROM capacity:
RL78/I1A group
Renesas MCU
Renesas semiconductor product
SP: LSSOP, 0.65 mm pitch
SSOP, 0.65 mm pitch
C: 32 KB
E: 64 KB
Pin count:
6: 20-pin
A: 30-pin
D: 38-pin
Classification:
G: Operating ambient temperature:
−40°C to 105°C
M: Operating ambient temperature:
−40°C to 125°C
Memory type:
F: Flash memory
Package specification:
#V0: Tray (LSSOP30, SSOP38), Tube (LSSOP20)
#X0: Embossed tape (LSSOP, SSOP)
Pin count
Package
Operating Ambient
Temperature
Part Number
20 pin
20-pin plastic LSSOP
(4.4
 6.5)
TA =
40 to +105C
R5F1076CGSP#V0, R5F1076CGSP#X0
TA =
40 to +125C
R5F1076CMSP#V0, R5F1076CMSP#X0
30 pin
30-pin plastic LSSOP
(7.62 mm (300))
TA =
40 to +105C
R5F107ACGSP#V0, R5F107AEGSP#V0,
R5F107ACGSP#X0, R5F107AEGSP#X0
TA =
40 to +125C
R5F107ACMSP#V0, R5F107AEMSP#V0,
R5F107ACMSP#X0, R5F107AEMSP#X0
38 pin
38-pin plastic SSOP
(7.62 mm (300))
TA =
40 to +105C
R5F107DEGSP#V0, R5F107DEGSP#X0
TA =
40 to +125C
R5F107DEMSP#V0, R5F107DEMSP#X0
Caution The ordering part numbers represent the numbers at the time of publication. For the latest
ordering part numbers, refer to the target product page of the Renesas Electronics website.


Similar Part No. - R5F107AEG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F107AEGSP RENESAS-R5F107AEGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
More results

Similar Description - R5F107AEG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-L1C RENESAS-RL78-L1C Datasheet
1Mb / 153P
   Ultra-Low Power Technology
RL78-L12 RENESAS-RL78-L12 Datasheet
1Mb / 136P
   Ultra-Low Power Technology
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com