Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F101AC Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F101AC
Description  True Low Power Platform
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101AC Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F101AC Datasheet HTML 1Page - Renesas Technology Corp R5F101AC Datasheet HTML 2Page - Renesas Technology Corp R5F101AC Datasheet HTML 3Page - Renesas Technology Corp R5F101AC Datasheet HTML 4Page - Renesas Technology Corp R5F101AC Datasheet HTML 5Page - Renesas Technology Corp R5F101AC Datasheet HTML 6Page - Renesas Technology Corp R5F101AC Datasheet HTML 7Page - Renesas Technology Corp R5F101AC Datasheet HTML 8Page - Renesas Technology Corp R5F101AC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 202 page
background image
RL78/G13
1. OUTLINE
Page 3 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
1.2 List of Part Numbers
Figure 1-1. Part Number, Memory Size, and Package of RL78/G13
Part No. R 5 F 1 0 0 L E A x x x F B #V0
Package type:
Packaging specification
ROM number (Omitted with blank products)
ROM capacity:
RL78/G13 group
Renesas MCU
Renesas semiconductor product
SP: LSSOP, 0.65 mm pitch
FP : LFQFP, 0.80 mm pitch
#U0 : Tray (HWQFN,VFBGA,WFLGA)
#V0 : Tray (LFQFP,LQFP,LSSOP)
#W0 : Embossed Tape (HWQFN,VFBGA,WFLGA)
#X0 : Embossed Tape (LFQFP, LQFP, LSSOP)
FA : LFQFP, 0.65 mm pitch
FB : LFQFP, 0.50 mm pitch
NA : HWQFN, 0.50 mm pitch
LA : WFLGA, 0.50 mm pitch
BG : VFBGA, 0.40 mm pitch
A : 16 KB
C : 32 KB
D : 48 KB
E : 64 KB
F : 96 KB
G : 128 KB
H : 192 KB
J : 256 KB
K : 384 KB
L : 512 KB
Pin count:
6 : 20-pin
7 : 24-pin
8 : 25-pin
A : 30-pin
B : 32-pin
C : 36-pin
E : 40-pin
F : 44-pin
G : 48-pin
J : 52-pin
L : 64-pin
M : 80-pin
P : 100-pin
S : 128-pin
Fields of application:
A : Consumer applications, operating ambient temperature : -40˚C to +85˚C
D : Industrial applications, operating ambient temperature : -40˚C to +85˚C
G : Industrial applications, operating ambient temperature : -40˚C to +105˚C
Memory type:
F : Flash memory
Note 1
Note 1
Note 2
Note 2
Note 1
Note 1
Note 2
Note 2
Notes
1. Products only for “A: Consumer applications (TA =
40 to +85°C)”, and "G: Industrial applications
(TA =
40 to +105°C)"
2. Products only for “A: Consumer applications (TA =
40 to +85°C)”, and "D: Industrial applications (TA
=
40 to +85°C)"


Similar Part No. - R5F101AC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F101AC RENESAS-R5F101AC Datasheet
153Kb / 17P
   PG-FP5
R5F101AC RENESAS-R5F101AC Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
More results

Similar Description - R5F101AC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
RL78-G11 RENESAS-RL78-G11 Datasheet
1Mb / 139P
   True Low Power Platform
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
R5F10JBCANA RENESAS-R5F10JBCANA Datasheet
1Mb / 138P
   Integrated USB Controller, True Low Power Platform
logo
STMicroelectronics
STM32L151XE STMICROELECTRONICS-STM32L151XE Datasheet
1Mb / 134P
   Ultra-low-power platform
February 2016 Rev 8
STM32L063C8 STMICROELECTRONICS-STM32L063C8 Datasheet
1Mb / 121P
   Ultra-low-power platform
March 2016 Rev 6
logo
Renesas Technology Corp
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
logo
STMicroelectronics
STM32L15XQC STMICROELECTRONICS-STM32L15XQC Datasheet
1Mb / 134P
   Ultra-low-power platform
March 2016 Rev 6
STM32L062K8 STMICROELECTRONICS-STM32L062K8 Datasheet
1Mb / 118P
   Ultra-low-power platform
March 2017 Rev 8
STM32L100C6 STMICROELECTRONICS-STM32L100C6 Datasheet
1Mb / 103P
   Ultra-low-power platform
April 2016 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com