Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F1076EM Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F1076EM
Description  Ultra-Low Power Technology
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1076EM Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F1076EM Datasheet HTML 7Page - Renesas Technology Corp R5F1076EM Datasheet HTML 8Page - Renesas Technology Corp R5F1076EM Datasheet HTML 9Page - Renesas Technology Corp R5F1076EM Datasheet HTML 10Page - Renesas Technology Corp R5F1076EM Datasheet HTML 11Page - Renesas Technology Corp R5F1076EM Datasheet HTML 12Page - Renesas Technology Corp R5F1076EM Datasheet HTML 13Page - Renesas Technology Corp R5F1076EM Datasheet HTML 14Page - Renesas Technology Corp R5F1076EM Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
RL78/I1A
1. OUTLINE
Page 11 of 105
Under development
R01DS0171EJ0310 Rev.3.10
Oct 31, 2016
1.6 Outline of Functions
Caution This outline describes the functions at the time when Peripheral I/O redirection register
(PIOR1) is set to 00H.
(1/3)
Item
20-pin
30-pin
38-pin
R5F1076C
R5F107AC
R5F107AE
R5F107DE
Code flash memory (KB)
32
32
64
64
Data flash memory (KB)
4
4
4
4
RAM (KB)
2
2
4
Note 1
4
Note 1
Address space
1 MB
Main system
clock
High-speed system
clock
X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK)
HS (High-speed main) mode: 1 to 20 MHz (VDD = 2.7 to 5.5 V),
LS (Low-speed main) mode: 1 to 8 MHz (VDD = 2.7 to 5.5 V)
High-speed on-chip
oscillator
HS (High-speed main) mode: 1 to 32 MHz (VDD = 2.7 to 5.5 V),
LS (Low-speed main) mode: 1 to 8 MHz (VDD = 2.7 to 5.5 V)
Clock for 16-bit timers KB0 to KB2,
and KC0
64 MHz (TYP.)
Subsystem clock (38-pin products
only)
XT1 (crystal) oscillation, external subsystem clock input (EXCLKS)
32.768 kHz
Low-speed on-chip oscillator
15 kHz (TYP.)
General-purpose register
(8-bit register
 8)  4 banks
Minimum instruction execution time
0.03125
s (High-speed on-chip oscillator: fIH = 32 MHz operation)
0.05
s (High-speed system clock: fMX = 20 MHz operation)
30.5
s (Subsystem clock: fSUB = 32.768 kHz operation) (38-pin products only)
Instruction set
 8-bit operation, 16-bit operation
 Multiplication (8 bits  8 bits)
 Bit manipulation (Set, reset, test, and Boolean operation), etc.
I/O port
Total
16
26
34
CMOS I/O
13
23
29
CMOS input
3
3
5
CMOS output
Timer
16-bit timer TAU
8 channels (no timer
output)
8 channels (timer output: 1, PWM output: 1
Note 2)
8 channels (timer
outputs: 3, PWM
outputs: 3
Note 2)
16-bit timer KB
2 channels (PWM
outputs: 4)
3 channels (PWM outputs: 6)
16-bit timer KC
1 channel (PWM
outputs: 3)
1 channel (PWM outputs: 6)
Notes 1.
This is about 3 KB when the self-programming function and data flash function are used. (For details,
see CHAPTER 3 in the RL78/I1A User's Manual.)
2.
The number of PWM outputs varies depending on the setting of channels in use (the number of
masters and slaves) (see 6.9.3 Operation as multiple PWM output function in the RL78/I1A
User's Manual).


Similar Part No. - R5F1076EM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F1076C RENESAS-R5F1076C Datasheet
153Kb / 17P
   PG-FP5
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
R5F1076CMSP RENESAS-R5F1076CMSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
More results

Similar Description - R5F1076EM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-L1C RENESAS-RL78-L1C Datasheet
1Mb / 153P
   Ultra-Low Power Technology
RL78-L12 RENESAS-RL78-L12 Datasheet
1Mb / 136P
   Ultra-Low Power Technology
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com