Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F111NEA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F111NEA
Description  Ultra-Low Power Technology
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F111NEA Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F111NEA Datasheet HTML 1Page - Renesas Technology Corp R5F111NEA Datasheet HTML 2Page - Renesas Technology Corp R5F111NEA Datasheet HTML 3Page - Renesas Technology Corp R5F111NEA Datasheet HTML 4Page - Renesas Technology Corp R5F111NEA Datasheet HTML 5Page - Renesas Technology Corp R5F111NEA Datasheet HTML 6Page - Renesas Technology Corp R5F111NEA Datasheet HTML 7Page - Renesas Technology Corp R5F111NEA Datasheet HTML 8Page - Renesas Technology Corp R5F111NEA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 153 page
background image
RL78/L1C
1. OUTLINE
R01DS0192EJ0210 Rev. 2.10
Page 4 of 149
Aug 12, 2016
Figure 1 - 1 Part Number, Memory Size, and Package of RL78/L1C
Figure 1 - 2
Caution
Orderable part numbers are current as of when this manual was published.
Please make sure to refer to the relevant product page on the Renesas website for the latest part numbers.
Packaging specification:
#30: Tray (LFQFP)
#U0: Tray (VFLGA)
#50: Embossed Tape (LFQFP)
#W0: Embossed Tape (VFLGA)
R 5 F 1 1 0 P E A x x x F B # 3 0
Part No.
Package type:
FB: LFQFP, 0.50 mm pitch
LA: VFLGA, 0.65 mm pitch
Fields of application:
A: Consumer applications, TA = -40 to +85 °C
G: Industrial applications, TA = -40 to +105 °C
ROM capacity:
E: 64 KB
F: 96 KB
G: 128 KB
H: 192 KB
J: 256 KB
Pin count:
M: 80-pin
N: 85-pin
P: 100-pin
RL78/L1C Group
110: Products with USB
111: Products without USB
Memory type:
F: Flash memory
Renesas MCU
Renesas semiconductor product
ROM number (Omitted with blank products)


Similar Part No. - R5F111NEA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F111NE RENESAS-R5F111NE Datasheet
1Mb / 153P
   RENESAS MCU
R5F111NE RENESAS-R5F111NE Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F111NEA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-I1A RENESAS-RL78-I1A Datasheet
1Mb / 107P
   Ultra-Low Power Technology
RL78-L12 RENESAS-RL78-L12 Datasheet
1Mb / 136P
   Ultra-Low Power Technology
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com