Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F111PJA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F111PJA
Description  Ultra-Low Power Technology
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F111PJA Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F111PJA Datasheet HTML 2Page - Renesas Technology Corp R5F111PJA Datasheet HTML 3Page - Renesas Technology Corp R5F111PJA Datasheet HTML 4Page - Renesas Technology Corp R5F111PJA Datasheet HTML 5Page - Renesas Technology Corp R5F111PJA Datasheet HTML 6Page - Renesas Technology Corp R5F111PJA Datasheet HTML 7Page - Renesas Technology Corp R5F111PJA Datasheet HTML 8Page - Renesas Technology Corp R5F111PJA Datasheet HTML 9Page - Renesas Technology Corp R5F111PJA Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 153 page
background image
RL78/L1C
1. OUTLINE
R01DS0192EJ0210 Rev. 2.10
Page 6 of 149
Aug 12, 2016
1.3.2
80-pin products (without USB)
• 80-pin plastic LFQFP (fine pitch) (12
× 12 mm, 0.5 mm pitch)
Caution
Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
μF).
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register
(PIOR).
P11/RxD2/SI20/SDA20/SEG41/VCOUT0
P10/INTP7/PCLBUZ0/SCK20/SCL20/SEG40
P27/TI05/TO05/(INTP5)/PCLBUZ1/SEG39
P26/SO00/TxD0/TOOLTxD/SEG38
P25/SI00/RxD0/TOOLRxD/SDA00/SEG37
P24/SCK00/SCL00/SEG36
P23/TI07/TO07/SEG35
P22/TI04/TO04/SEG34
P21/ANI21/SEG33
P20/ANI20/SEG32
P143/ANI19/SEG31
P142/ANI18/SEG30
P141/ANI17/SEG29
P140/ANI16/SEG28
P82
P83
P156/ANI6
P155/ANI5
AVDD
AVSS
P70/KR7/SEG12
P71/KR6/SEG13
P72/KR5/TKBO20/SEG14
P73/KR4/TKBO21/SEG15
P74/KR3/TKBO10/SEG16
P75/KR2/TKBO11/SEG17
P76/KR1/TKBO00/SEG18
P77/KR0/TKBO01/SEG19
P30/TI03/TO03/REMOOUT/SEG20
P31/INTP3/RTC1HZ/SEG21
P32/TI01/TO01/SEG22
P33/INTP4/SCK30/SCL30/SEG23
P34/SI30/RxD3/SDA30/SEG24
P35/SO30/TxD3/SEG25
P125/VL3/(TI06)/(TO06)
VL4
VL2
VL1
P126/CAPL/(TI04)/(TO04)
P127/CAPH/(TI03)/(TO03)/(REMOOUT)
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
12 3 4 5 6 78 9 10 11 12 13 14 15 16 17 18 19 20
60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41
RL78/L1C
(Top View)
<R>


Similar Part No. - R5F111PJA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F111PJ RENESAS-R5F111PJ Datasheet
1Mb / 153P
   RENESAS MCU
R5F111PJ RENESAS-R5F111PJ Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F111PJA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-I1A RENESAS-RL78-I1A Datasheet
1Mb / 107P
   Ultra-Low Power Technology
RL78-L12 RENESAS-RL78-L12 Datasheet
1Mb / 136P
   Ultra-Low Power Technology
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com