Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F110MEG Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F110MEG
Description  Ultra-Low Power Technology
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MEG Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F110MEG Datasheet HTML 1Page - Renesas Technology Corp R5F110MEG Datasheet HTML 2Page - Renesas Technology Corp R5F110MEG Datasheet HTML 3Page - Renesas Technology Corp R5F110MEG Datasheet HTML 4Page - Renesas Technology Corp R5F110MEG Datasheet HTML 5Page - Renesas Technology Corp R5F110MEG Datasheet HTML 6Page - Renesas Technology Corp R5F110MEG Datasheet HTML 7Page - Renesas Technology Corp R5F110MEG Datasheet HTML 8Page - Renesas Technology Corp R5F110MEG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 153 page
background image
R01DS0192EJ0210 Rev. 2.10
Page 1 of 149
Aug 12, 2016
RL78/L1C
RENESAS MCU
Integrated LCD controller/driver, 12-bit resolution A/D Converter, USB 2.0 controller (function), True Low Power Platform (as low as 112.5
μA/MHz, and 0.68 μA for RTC2 + LVD), 1.6 V to 3.6 V operation, 64 to 256 Kbyte Flash, 33 DMIPS at 24 MHz, for All LCD Based Applications
Datasheet
1. OUTLINE
1.1
Features
Ultra-Low Power Technology
•VDD = single power supply voltage of 1.6 to 3.6 V
• HALT mode
• STOP mode
•SNOOZE mode
RL78 CPU core
• CISC architecture with 3-stage pipeline
• Minimum instruction execution time: Can be changed from high
speed (0.04167
μs: @ 24 MHz operation with high-speed on-chip
oscillator clock or PLL clock) to ultra-low speed (30.5
μs: @ 32.768
kHz operation with subsystem clock)
• Multiply/divide and multiply/accumulate instructions are supported.
• Address space: 1 Mbyte
• General-purpose registers: (8-bit register
× 8) × 4 banks
• On-chip RAM: 8 to 16 KB
Code Flash Memory
• Code flash memory: 64 to 256 KB
• Block size: 1 KB
• Prohibition of block erase and rewriting (security function)
• On-chip debug function
• Self-programming (with boot swap function/flash shield window
function)
Data Flash Memory
• Data flash memory: 8 KB
• Background operation (BGO): Instructions can be executed from the
program memory while rewriting the data flash memory.
• Number of rewrites: 1,000,000 times (TYP.)
• Voltage of rewrites: VDD = 1.8 to 3.6 V
High-speed On-chip Oscillator
• Select from 48 MHz, 24 MHz, 16 MHz, 12 MHz, 8 MHz, 6 MHz, 4
MHz, 3 MHz, 2 MHz, and 1 MHz
• High accuracy: ±1.0% (VDD = 1.8 to 3.6 V, TA = -20 to +85
°C)
Operating ambient temperature
•TA = -40 to +85
°C (A: Consumer applications)
•TA = -40 to +105
°C (G: Industrial applications)
Power management and reset function
• On-chip power-on-reset (POR) circuit
• On-chip voltage detector (LVD) (Select interrupt and reset from 12
levels)
Data transfer controller (DTC)
• Transfer modes: Normal transfer mode, repeat transfer mode, block
transfer mode
• Activation sources: Activated by interrupt sources (30 to 33 sources).
• Chain transfer function
Event link controller (ELC)
• Event signals of 30 or 31 types can be linked to the specified
peripheral function.
Serial interfaces
• CSI:4 channels
• UART/UART (LIN-bus supported):4 channels
•I2C/simplified I2C:5 channels
Timers
• 16-bit timer:11 channels
• 12-bit interval timer:1 channel
• Real-time clock 2:1 channel (calendar for 99 years, alarm function,
and clock correction function)
• Watchdog timer:1 channel (operable with the dedicated low-speed
on-chip oscillator)
LCD controller/driver
• Internal voltage boosting method, capacitor split method, and
external resistance division method are switchable.
• Segment signal output: 44 (40) Note 1 to 56 (52) Note 1
• Common signal output: 4 (8) Note 1
USB Note 2
• USB version 2.0 (function controller)
• Full-speed transfer (12 Mbps) and low-speed transfer (1.5 Mbps) are
supported
• Compliant to Battery Charging Specification Revision 1.2
A/D converter
• 8/10-bit resolution A/D converter (VDD = 1.6 to 3.6 V)
• 12-bit resolution A/D converter (VDD = 2.4 to 3.6 V)
• Analog input: 9 to 13 channels
• Internal reference voltage (TYP. 1.45 V) and temperature sensor Note
2
D/A converter
• 8-bit resolution D/A converter (VDD = 1.6 to 3.6 V)
• Analog output: 2 channels
• Output voltage: 0 V to VDD
• Real-time output function
Comparator
• 2 channels
• Operating modes: Comparator high-speed mode, comparator low-
speed mode, window mode
• The external reference voltage or internal reference voltage can be
selected as the reference voltage.
I/O ports
• I/O ports: 59 to 77 (N-ch open drain I/O [withstand voltage of 6 V]: 2)
• Can be set to N-ch open drain, TTL input buffer, and on-chip pull-up
resistor
• On-chip key interrupt function
• On-chip clock output/buzzer output controller
Others
• On-chip BCD (binary-coded decimal) correction circuit
Note 1.
The number in parentheses indicates the number of
signal outputs when 8 coms are used.
Note 2.
Selectable only in HS (high-speed main) mode.
Remark
The functions mounted depend on the product. See
1.6 Outline of Functions
.
R01DS0192EJ0210
Rev. 2.10
Aug 12, 2016


Similar Part No. - R5F110MEG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F110ME RENESAS-R5F110ME Datasheet
1Mb / 153P
   RENESAS MCU
R5F110ME RENESAS-R5F110ME Datasheet
153Kb / 17P
   PG-FP5
More results

Similar Description - R5F110MEG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-I1A RENESAS-RL78-I1A Datasheet
1Mb / 107P
   Ultra-Low Power Technology
RL78-L12 RENESAS-RL78-L12 Datasheet
1Mb / 136P
   Ultra-Low Power Technology
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 69P
   Ultra-low power consumption technology
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com