Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR157 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # FR157
Description  Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

FR157 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  FR157 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. FR157 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
FEATURES
· High current capability
· 1.5 ampere operation at TA=55with no
thermal runaway.
· Low leakage.
MECHANICAL DATA
Case: Molded plastic, DO-15
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.015ounce, 0.4gram
Maximum Ratings and Electrical Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
FR151
FR152
FR153
FR154
FR155
FR156
FR157
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at TA=55℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage
at 1.5A DC and 25℃
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJA
/W
Maximum Reverse Recovery Time (Note 3)
TRR
250
nS
Operating and Storage Temperature Range
TJ,Tstg
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient 0.375"(9.5mm) lead length P.C.B. Mounted.
3- Reverse Recovery Test Conditions:IF=.5A,IR=1A,IRR=.25A.
IR
Amp
Amp
Volts
uAmp
1.3
I(AV)
IFSM
VF
1.5
50
-55 to +125
5.0
30
45
150
500
http://www.trr-jx.com
FR151 THRU FR157
Fast Recovery Rectifiers
· Fast switching for high efficiency
· Exceeds environmental standards of MIL-S-19500/228
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
DO-15
Dimensions in inches and (millimeters)


Similar Part No. - FR157

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR157 WTE-FR157 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
FR157 PACELEADER-FR157 Datasheet
609Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
logo
Shenzhen Ping Sheng Ele...
FR157 PFS-FR157 Datasheet
164Kb / 2P
   FAST RECOVER RECTIFIER
logo
Leshan Radio Company
FR157 LRC-FR157 Datasheet
50Kb / 2P
   1.5A FAST RECOVERY DIODES
logo
Rectron Semiconductor
FR157 RECTRON-FR157 Datasheet
35Kb / 3P
   FAST RECOVERY RECTIFIER
More results

Similar Description - FR157

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com