Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP402 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # KBP402
Description  BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

KBP402 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  KBP402 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. KBP402 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristic Curves (TA=25 ℃ unless otherwise noted)
http://www.trr-jx.com
010
100
0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
TJ = 25°C
f = 1MHz
0
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typical Fw d Characteristics
F
TA= 25°C
Pulse Width
= 300 µs
0
10
100
70
0
90
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fw d Surge Current
100
80
60
Pulse Width =8.3ms
Single Half Sine-Wave
(JEDEC Method)
T, TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
0
0.5
1
1 5
2
2 5
3
3.5
4
4.5
5
0
25
50
75
100
125
150
RESISTIVE OR NDUCTIVE LOAD
KBP4005 THRU KBP410
BRIDGE RECTIFIERS


Similar Part No. - KBP402

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
KBP402 GXELECTRONICS-KBP402 Datasheet
469Kb / 2P
   Rectifier Reverse Voltage 50 to 1000V
logo
Shenzhen Yixinwei Techn...
KBP402 YIXIN-KBP402 Datasheet
323Kb / 2P
   BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBP402 YFWDIODE-KBP402 Datasheet
825Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP402 SKTECHNOLGY-KBP402 Datasheet
604Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Guangdong Juxing Electr...
KBP402 JUXING-KBP402 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
More results

Similar Description - KBP402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com