Electronic Components Datasheet Search |
|
MDS-065APS18-B Datasheet(PDF) 8 Page - Delta Electronics, Inc. |
|
MDS-065APS18-B Datasheet(HTML) 8 Page - Delta Electronics, Inc. |
8 / 10 page TECHNICAL DATASHEET MDS Medical AC-DC Open Frame 18Volt, 65Watt / MDS-065APS18 B ``` Power De-rating 100% 50% 0% -10°C 50°C 70°C Output Power Ambient Temperature Functions Start-up Time The time required for the output voltage (Vo) to reach 90% of its set value, after the input AC voltage is applied. Rise Time The time required for the output voltage (Vo) to change from 10% to 90% of its steady state value. Hold-up Time Hold up time is the time when the AC input collapses and output voltage retains regulation for a certain period of time. The time required for the output to reach 95% of its set value, after the input voltage is removed. ■ Graph illustrating the Start-up Time, Rise Time, and Hold-up Time Fig. 3 All parameters are specified at 25°C ambient unless otherwise noted. www.DeltaPSU.com (November 2016, Rev. 04) 8 |
Similar Part No. - MDS-065APS18-B |
|
Similar Description - MDS-065APS18-B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |