Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7A6003 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7A6003
Description  EMI-Improved Green Mode PWM Controller with Integrated Protections
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7A6003 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7A6003_16 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7A6003_16 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7A6003_16 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7A6003_16 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7A6003_16 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7A6003_16 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7A6003_16 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7A6003_16 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7A6003_16 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev. 1.30
2
March 25, 2016
HT7A6003
Block Diagram
Pin Assignment
32V
UVLO
14V / 8V
Internal
Bias & Vref
Slop
Compensation
PWM
2R
R
OCP
1V
LEB
350nS
SCP
S
R
Q
Driver
Stage
VREF
VCC
GD
GND
VCC
RT
COMP
CS
OVP
Frequency
Jitter
Green Mode
OSC
Soft-Start
Pin Description
Pin No.
Pin Name
Description
1
COMP
Voltage Feedback Pin. Connected to a Photo-Coupler for close-loop control.
2
N.C
No connection
3
CS
A voltage proportional to inductor current is connected to this input. The PWM generator
uses this voltage information to terminate the output switch conduction.
4
RT
The oscillator frequency is programmed by connecting a resistor RT between this pin and
ground. A maximum frequency of 500kHz is possible.
5
GND
Combined control circuitry and power ground.
6
GD
Power MOSFET gate driver output.
7
VCC
Positive Supply.
8
VREF
Reference output.
Absolute Maximum Ratings
SupplyVoltageVCC................................................................................................................................ -0.3V~30.0V
COMP,RT,CSPins................................................................................................................................... -0.3V~5.5V
JunctionTemperature.......................................................................................................................................... 150°C
OperatingAmbientTemperature............................................................................................................... -40°C~85°C
StorageTemperatureRange.................................................................................................................... -65°C~150°C
PackageThermalResistance(8-PinSOP)..................................................................................................... 160°C/W
ESDProtection:
HumanBodyModel......................................................................................................................................3kV
MachineModel...........................................................................................................................................200V
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
1
2
3
4
8
7
6
5
COMP
NC
CS
RT
VREF
VCC
GD
GND
HT7A6003
8 SOP-A


Similar Part No. - HT7A6003_16

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
More results

Similar Description - HT7A6003_16

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
   EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
   Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
GR8836 GRENERGY-GR8836 Datasheet
857Kb / 13P
   Green-Mode PWM Controller with Integrated Protections
GR8874 GRENERGY-GR8874 Datasheet
904Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7535 LEADTREND-LD7535 Datasheet
431Kb / 19P
   Green-Mode PWM Controller with Integrated Protections
12/11/2007
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
   Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com