Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7L4815 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7L4815
Description  Non-isolation Buck LED Lighting Driver with Active PFC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4815 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

  HT7L4815 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4815 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Rev. 1.00
6
June 26, 2015
HT7L4815
Preliminary
Constant Current Control
The HT7L4815 will sense the overall inductor
currentandformaclosed-loopwithaninternalerror
amplifiertoobtainhighconstantcurrentaccuracy.
TheCSvoltageandthe0.2Vreferencevoltageform
theinputstoaninternalGmamplifierwhoseoutput
isintegratedviaanexternalCOMPcapacitor.The
ONtimeoftheMOSFETiscontrolledbytheCOMP
voltagetoadjusttheoutputcurrent.
LEB on CS – Leading-Edge Blanking
EachtimetheinternalpowerMOSFETisswitched
on,aturn-onspikewillinevitablyoccuratthesense
resistor.Toavoidfaultytriggering,a400nsleading-
edgeblanktimeisgenerated.Asthisfunctionis
provided conventional RC filtering is therefore
unnecessary.Duringthisblankingperiod,thecurrent-
limitcomparatorisdisabledandcanthereforenot
switchoffthegatedriver.
OVP on VCC – Over Voltage Protection
InordertopreventPWMcontrollerdamage,the
deviceincludesanOVPfunctiononVCC.Should
theVCCvoltagebehigherthantheOVPthreshold
voltage of 29V, the PWM controller will stop
operating immediately.When theVCC voltage
decreasesbelowtheUVLOofflevel,thecontroller
willreset.
LED Open Protection – ZCD OVP
The LED voltage is reflected on the ZCD pin
througharesistorRZCD.Whenthecurrentonthe
resistorRZCDishigherthan300μA,thenZCDOVP
protectionwilltakeplace.HerethePWMcontroller
willstopoperatingimmediately.WhentheVCC
voltagedecreasesbelowtheUVLOofflevel,the
controllerwillreset.
VOVP-ZCDcanbesetusingthefollowingequation:
VOVP-ZCD=VZCDH+IOVP×RZCD
VZCDHisthe3VupperclampvoltageontheZCD
pin.IOVPrepresentstheOVPcurrentlevelontheZCD
pinwhichis300μA.RZCDstandsfortheresistorcon-
nectedbetweentheZCDpinandtheLEDpositive
terminal.
OCP – Over Current Protection
The device includes an over current protection
functionontheCSpin.Aninternalcircuitdetectsthe
currentlevelandwhenthecurrentislargerthanthe
overcurrentprotectionthresholdlevel,VOCP/RCS,the
gateoutputwillremainatalowlevel.
LED Short Protection – SCP
TheoutputvoltagedropswhenanumberofLEDs
inastringareshortedresultinginavoltagedropat
VCC.OncetheVCCdropsbelow10V,thedevice
willstopoperating.Undersuchsituations,thestart-up
operationwillrechargetheVCCpinthroughthestart-
upresistorandthedevicewillentertheUVLOhiccup
mode.
Thermal Protection
Athermalprotectionfeatureisincludedtoprotect
thedevicefromexcessiveheatdamage.Whenthe
junctiontemperatureexceedsathresholdof150°C,
thethermalprotectionfunctionwillturnoffthe
DRAIN terminal immediately. When the VCC
decreasesbelowtheUVLOofflevel,thecontroller
willreset.


Similar Part No. - HT7L4815

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L4811 HOLTEK-HT7L4811 Datasheet
1Mb / 12P
   Non-isolation Buck LED Lighting Driver with Active PFC
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
   Non-isolation Buck LED Lighting Driver with Active PFC
More results

Similar Description - HT7L4815

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
   Non-isolation Buck LED Lighting Driver with Active PFC
HT7L4811 HOLTEK-HT7L4811 Datasheet
1Mb / 12P
   Non-isolation Buck LED Lighting Driver with Active PFC
logo
Shenzhen Winsemi Microe...
WS3413 WINSEMI-WS3413 Datasheet
178Kb / 8P
   WS3413 Active PFC Non-isolated Buck LED Driver
WS3411 WINSEMI-WS3411 Datasheet
180Kb / 8P
   WS3411 Active PFC Non-isolated Buck LED Driver
WS3412 WINSEMI-WS3412 Datasheet
173Kb / 8P
   WS3412 Active PFC Non-isolated Buck LED Driver
WS3410 WINSEMI-WS3410 Datasheet
177Kb / 8P
   WS3410 Active PFC Non-isolated Buck LED Driver
logo
Bruckewell Technology L...
BW7385 BWTECH-BW7385 Datasheet
260Kb / 7P
   Non-isolation Buck current control IC with High PFC for LED Lighting
logo
Princeton Technology Co...
RS2322 PTC-RS2322 Datasheet
313Kb / 4P
   High Accurate non-isolated Buck-Boost LED Driver with Active PFC
logo
Bruckewell Technology L...
BW7383 BWTECH-BW7383 Datasheet
302Kb / 8P
   6 Pin Non-isolation Buck current control IC with High PFC for LED Lighting
logo
Unisonic Technologies
UPSL101 UTC-UPSL101 Datasheet
175Kb / 7P
   ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com