Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7L5820 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7L5820
Description  Integrated PFC and Quasi-Resonant Current Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L5820 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7L5820 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L5820 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L5820 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L5820 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L5820 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L5820 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L5820 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L5820 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L5820 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev. 1.20
1
November 17, 2016
Rev. 1.00
PB
November 17, 2016
HT7L5820/HT7L5821
Integrated PFC and Quasi-Resonant
Current Mode PWM Controller
Application Circuits
HT7L5820
HT7L5821
AC
16
13
14
HVS ZCD
OPFC
6
CSPFC
4
INV
3
SEL
1
VIN
VSS
9
OPWM
8
CSPWM 5
VCC
7
DET
10
FB
11
RT
COMP
12
2
NC 15
Features
• IntegratedTransitionMode(TM)PFCcontroller
andQuasi-Resonant(QR)flybackcontroller
• WideACinputrangefrom85VACto265VAC
• Integrated650VJFETquickhighvoltagestart-up
• IntegratedTHDPFCstageoptimiser
• Brown-outandbrown-inprotection
• Internalaccuratefeedbackreferencevoltage:±2%
• Internal9.6msPWMsoft-start
• High/Lowlineover-powercompensation
• FBpinprotection(AutoRecovery)
Over-powerandoverloadprotection
Short-circuitprotection
Open-loopprotection
• Externaltriggeringandadjustabeover-temperature
protection–RTPin
• VCCpinOVP–latched
• Internalover-temperatureshutdown–140°C
• 16-pinNSOPpackage
Applications
• AC/DCNBadapters
• Open-frameSMPS
• Batterychargers
• GeneralLEDlightingapplications
• Industrial,commercial,andresidentialfixtures
General Description
TheHT7L5820/HT7L5821ishighlyintegrateddevice
whichincludesaPowerFactorCorrectioncontroller
andquasi-resonantflybackcontroller.Thehighlevel
offunctionalintegrationprovidesthemeansforvery
cost-effectivedesignswithaminimumofexternal
components.
InthePFCstagethedeviceusesatransitionmodeto
providearegulatedoutputvoltagewithlowsystem
costs,lowharmonicdistortionandhighpowerfactor.
ForQRflybackthedeviceprovideshigherefficiencies
andlowerEMIwhencomparedwithconventional
PWMsystems.
Thedevicealsoincludesarangeoffeaturestoprotect
thecontrollerfromfaultconditions.Theseinclude
secondarysideopen-loopandover-currentprotection,
VCCpinover-voltageprotection,DETpinover-
voltageforoutputover-voltageprotection,brown-
in/outACinputvoltage,internalover-temperature
shutdownandadjustableover-temperatureprotection
usingtheRTpinwithanexternalNTCresistor.
Selection Table
Part No.
HT7L5820 HT7L5821
Protection
Mode
Internal OTP
Auto-
Recovery
Latched
RT Pin OTP
RT Pin Triggering
Output Voltage OVP


Similar Part No. - HT7L5820

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7L5600 HOLTEK-HT7L5600 Datasheet
1Mb / 10P
   Primary side regulation off line LED driver with active PFC
HT7L5610 HOLTEK-HT7L5610 Datasheet
1Mb / 9P
   Primary Side Regulation Off Line LED Driver with Active PFC
More results

Similar Description - HT7L5820

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FL7921R ONSEMI-FL7921R Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Lighting Controller
Rev. 1.1
logo
Fairchild Semiconductor
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300 FAIRCHILD-FAN6300 Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com