Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F101LH Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F101LH
Description  True Low Power Platform
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101LH Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F101LH Datasheet HTML 5Page - Renesas Technology Corp R5F101LH Datasheet HTML 6Page - Renesas Technology Corp R5F101LH Datasheet HTML 7Page - Renesas Technology Corp R5F101LH Datasheet HTML 8Page - Renesas Technology Corp R5F101LH Datasheet HTML 9Page - Renesas Technology Corp R5F101LH Datasheet HTML 10Page - Renesas Technology Corp R5F101LH Datasheet HTML 11Page - Renesas Technology Corp R5F101LH Datasheet HTML 12Page - Renesas Technology Corp R5F101LH Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 202 page
background image
RL78/G13
1. OUTLINE
Page 9 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
Table 1-1. List of Ordering Part Numbers
(6/12)
Pin count
Package
Data flash
Fields of
Application
Note
Ordering Part Number
Mounted
A
D
G
R5F100GAANA#U0, R5F100GCANA#U0, R5F100GDANA#U0,
R5F100GEANA#U0, R5F100GFANA#U0, R5F100GGANA#U0,
R5F100GHANA#U0, R5F100GJANA#U0, R5F100GKANA#U0,
R5F100GLANA#U0
R5F100GAANA#W0, R5F100GCANA#W0,
R5F100GDANA#W0, R5F100GEANA#W0,
R5F100GFANA#W0, R5F100GGANA#W0,
R5F100GHANA#W0, R5F100GJANA#W0,
R5F100GKANA#W0, R5F100GLANA#W0
R5F100GADNA#U0, R5F100GCDNA#U0, R5F100GDDNA#U0,
R5F100GEDNA#U0, R5F100GFDNA#U0, R5F100GGDNA#U0,
R5F100GHDNA#U0, R5F100GJDNA#U0, R5F100GKDNA#U0,
R5F100GLDNA#U0
R5F100GADNA#W0, R5F100GCDNA#W0,
R5F100GDDNA#W0, R5F100GEDNA#W0,
R5F100GFDNA#W0, R5F100GGDNA#W0,
R5F100GHDNA#W0, R5F100GJDNA#W0,
R5F100GKDNA#W0, R5F100GLDNA#W0
R5F100GAGNA#U0, R5F100GCGNA#U0, R5F100GDGNA#U0,
R5F100GEGNA#U0, R5F100GFGNA#U0, R5F100GGGNA#U0,
R5F100GHGNA#U0, R5F100GJGNA#U0
R5F100GAGNA#W0, R5F100GCGNA#W0,
R5F100GDGNA#W0, R5F100GEGNA#W0,
R5F100GFGNA#W0, R5F100GGGNA#W0,
R5F100GHGNA#W0, R5F100GJGNA#W0
48 pins
48-pin plastic
HWQFN (7
7 mm,
0.5 mm pitch)
Not
mounted
A
D
R5F101GAANA#U0, R5F101GCANA#U0, R5F101GDANA#U0,
R5F101GEANA#U0, R5F101GFANA#U0, R5F101GGANA#U0,
R5F101GHANA#U0, R5F101GJANA#U0, R5F101GKANA#U0,
R5F101GLANA#U0
R5F101GAANA#W0, R5F101GCANA#W0,
R5F101GDANA#W0, R5F101GEANA#W0,
R5F101GFANA#W0, R5F101GGANA#W0,
R5F101GHANA#W0, R5F101GJANA#W0,
R5F101GKANA#W0, R5F101GLANA#W0
R5F101GADNA#U0, R5F101GCDNA#U0, R5F101GDDNA#U0,
R5F101GEDNA#U0, R5F101GFDNA#U0, R5F101GGDNA#U0,
R5F101GHDNA#U0, R5F101GJDNA#U0, R5F101GKDNA#U0,
R5F101GLDNA#U0
R5F101GADNA#W0, R5F101GCDNA#W0,
R5F101GDDNA#W0, R5F101GEDNA#W0,
R5F101GFDNA#W0, R5F101GGDNA#W0,
R5F101GHDNA#W0, R5F101GJDNA#W0,
R5F101GKDNA#W0, R5F101GLDNA#W0
Note
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G13.
Caution The ordering part numbers represent the numbers at the time of publication. For the latest ordering
part numbers, refer to the target product page of the Renesas Electronics website.


Similar Part No. - R5F101LH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F101LH RENESAS-R5F101LH Datasheet
153Kb / 17P
   PG-FP5
R5F101LH RENESAS-R5F101LH Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
R5F101LHAXXXFA RENESAS-R5F101LHAXXXFA Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
R5F101LHAXXXFB RENESAS-R5F101LHAXXXFB Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
R5F101LHAXXXSM RENESAS-R5F101LHAXXXSM Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
More results

Similar Description - R5F101LH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
RL78-G11 RENESAS-RL78-G11 Datasheet
1Mb / 139P
   True Low Power Platform
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
R5F10JBCANA RENESAS-R5F10JBCANA Datasheet
1Mb / 138P
   Integrated USB Controller, True Low Power Platform
logo
STMicroelectronics
STM32L151XE STMICROELECTRONICS-STM32L151XE Datasheet
1Mb / 134P
   Ultra-low-power platform
February 2016 Rev 8
STM32L063C8 STMICROELECTRONICS-STM32L063C8 Datasheet
1Mb / 121P
   Ultra-low-power platform
March 2016 Rev 6
logo
Renesas Technology Corp
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
logo
STMicroelectronics
STM32L15XQC STMICROELECTRONICS-STM32L15XQC Datasheet
1Mb / 134P
   Ultra-low-power platform
March 2016 Rev 6
STM32L062K8 STMICROELECTRONICS-STM32L062K8 Datasheet
1Mb / 118P
   Ultra-low-power platform
March 2017 Rev 8
STM32L100C6 STMICROELECTRONICS-STM32L100C6 Datasheet
1Mb / 103P
   Ultra-low-power platform
April 2016 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com