Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS-400AUS19-B Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # MDS-400AUS19-B
Description  MDS Medical AC-DC Open Frame
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-400AUS19-B Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  MDS-400AUS19-B Datasheet HTML 1Page - Delta Electronics, Inc. MDS-400AUS19-B Datasheet HTML 2Page - Delta Electronics, Inc. MDS-400AUS19-B Datasheet HTML 3Page - Delta Electronics, Inc. MDS-400AUS19-B Datasheet HTML 4Page - Delta Electronics, Inc. MDS-400AUS19-B Datasheet HTML 5Page - Delta Electronics, Inc. MDS-400AUS19-B Datasheet HTML 6Page - Delta Electronics, Inc. MDS-400AUS19-B Datasheet HTML 7Page - Delta Electronics, Inc. MDS-400AUS19-B Datasheet HTML 8Page - Delta Electronics, Inc. MDS-400AUS19-B Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TECHNICAL DATASHEET
MDS Medical AC-DC Open Frame
19Volt, 400Watt / MDS-400AUS19 B
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (December 2016, Rev. 02)
3
(a) 115V
(b) 230V
Fig. 2 Ripple & Noise example, 20MHz BW
Ripple & Noise measurement circuit
0.47uF Ceramic
10uF Electrolytic
PSU
Load
Test Fixture
5cm
Scope
Mechanical
Case Chassis
AL1100F(+Electrocoat)
Case Cover
NA
Dimensions (W x Lx H)
97.0x198.0x41.5 mm
Unit Weight
910 grams (32.1 ounces)
Power De-rating
See Fig. 3 (400W with forced air flow)
Terminal
Input
DECA: T33-BM1103A301
Output
DECA: T33-BM1104A301
DC Fan
Output
JWT: A2508WV0-2P
Environment
Surrounding Air Temperature
Operating
-10°C to +70°C
Storage
-40°C to +85°C
Power De-rating
-10°C to +50°C 100% load
50°C to 70°C with load de-rate power
Operating Humidity
10-95% RH (Non-Condensing)
Operating Altitude
3,000 meters (9,842 feet or 70kPa)
Shock Test (Non-Operating)
50G, 11ms, 3 shocks for each direction
Vibration (Operating)
5-500Hz, 2.09Grms, 20 minute for each three axis


Similar Part No. - MDS-400AUS19-B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-400AUS19B DELTA-MDS-400AUS19B Datasheet
603Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-400AUS19BA DELTA-MDS-400AUS19BA Datasheet
770Kb / 10P
   MDS Medical AC-DC Open Frame
More results

Similar Description - MDS-400AUS19-B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-065APS12BA DELTA-MDS-065APS12BA Datasheet
650Kb / 11P
   MDS Medical AC-DC Open Frame
MDS-065APS15BA DELTA-MDS-065APS15BA Datasheet
643Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-065APS24BA DELTA-MDS-065APS24BA Datasheet
640Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-400AUS19B DELTA-MDS-400AUS19B Datasheet
603Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS12B DELTA-MDS-100BPS12B Datasheet
450Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-065APS24-B DELTA-MDS-065APS24-B Datasheet
492Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS18-B DELTA-MDS-100BPS18-B Datasheet
462Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100APS24B DELTA-MDS-100APS24B Datasheet
623Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS24-B DELTA-MDS-100BPS24-B Datasheet
591Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-040APS18-B DELTA-MDS-040APS18-B Datasheet
578Kb / 10P
   MDS Medical AC-DC Open Frame
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com