Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30100CK-30A-TO-262 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # MBR30100CK-30A-TO-262
Description  Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

MBR30100CK-30A-TO-262 Datasheet(HTML) 1 Page - Nanjing International Group Co

  MBR30100CK-30A-TO-262 Datasheet HTML 1Page - Nanjing International Group Co MBR30100CK-30A-TO-262 Datasheet HTML 2Page - Nanjing International Group Co MBR30100CK-30A-TO-262 Datasheet HTML 3Page - Nanjing International Group Co MBR30100CK-30A-TO-262 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Schottky Barrier Rectifiers
■ Productor Character
Half Bridge Rectified、Common Cathode Structure.
Multilayer Metal -Silicon Potential Structure.
Beautiful High Temperature Character.
Have Over Voltage protect loop,high reliability.
RoHs Product.
■Primary Use
Low Voltage High Frequency Switching Power Supply.
Low Voltage High Frequency Invers Circuit.
Low Voltage Continued Circuit and Protection Circuit.
■Summarize
MBR30100CK
Device optimized for ultra-low forward
voltage drop to maximize efficiency in Power Supply
Absolute Maximum Ratings
Item
Symbol
Data
Unit
Maximal Inverted Repetitive Peak Voltage
VRRM
100
V
*Average Rectified Forward Current (Rated VR-20Khz Square
Wave) - 50% duty cycle
IFAV
30
A
Typical Thermal Resistance
Package =TO-262-3L
RθJc
2
/W
(per leg)
Forward Peak Surge Current(Rated Load 8.3 Half Mssine
Wave-According to JEDEC Method)
IFSM
200
A
Maximum Rate of Voltage Change ( at Rated VR )
dv/dt
10000
V/uS
Peak Repetitive Reverse Surge Current (2uS-1Khz)
IRRM
0.5
A
Operating Junction Temperature
TJ
-40- +150
Storage Temperature
TSTG
-40- +150
Electricity Character
Item
Test Condition
TYP.
MAX.
Unit
IR
TJ =25
VR=VRRM
0.1
mA
TJ =125
1mA
VF
TJ =25
IF=15A
0.78
0.9
V
TJ =125
IF=15A
0.7
V
*IF(AV)= 15A×2
PIN3
PIN1
PIN2
TO-262-3L
1 2 3
MBR30100CK
2015/1/12
1
REV:1.02


Similar Part No. - MBR30100CK-30A-TO-262

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MBR30100CK DGNJDZ-MBR30100CK Datasheet
286Kb / 4P
   Schottky Barrier Rectifiers
logo
Mospec Semiconductor
MBR30100CK MOSPEC-MBR30100CK Datasheet
152Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - MBR30100CK-30A-TO-262

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com