Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1437610-8 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 2-1437610-8
Description  Pushbutton Switches, 30mm, Round or Mushroom Buttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1437610-8 Datasheet(HTML) 4 Page - Tyco Electronics

  2-1437610-8 Datasheet HTML 1Page - Tyco Electronics 2-1437610-8 Datasheet HTML 2Page - Tyco Electronics 2-1437610-8 Datasheet HTML 3Page - Tyco Electronics 2-1437610-8 Datasheet HTML 4Page - Tyco Electronics 2-1437610-8 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series 6000
Selector Switches, 30mm, Illuminated
I
I14
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
ILLUMINATED MAINTAINED
SELECTOR
Metal Bushing
Lamp not supplied, order separately. (See page I15.)
G31/2 lamps. Lamp circuit is isolated. Contact blocks not
supplied, order separately. (See page I8.)
2-Position
3-Position
Model
Action
Operator
Operator
O
1
1
O
2
V40 or F40
N.C.
X
O
X
O
O
V50 or F50
N.O.
O
X
O
O
X
Early
VA0 or FA0
N.O.
O
X
O
X
X
Make
VR0 or FR0
N.C.
X
O
X
X
0
Break
1.34
(34.0)
1.81
(46.0)
.795
(20.0)
.585
(14.9)
1.18
(30.0)
N.C.
N.O.
CAM MOVEMENT (CAM TYPE 2)
CAM MOVEMENT (CAM TYPE 1)
0 1
2
POSITION
2.05
(52.0)
1.54
(39.0)
0 1
N.C.
N.O.
POSITION
O=Open
X = Closed
M6650(*)06
Number
Position
Model
Position
Action
Number
M6653(*)406
3
Maintained
2
0
1
M6650(*)406
2
Maintained
0
1
(*) Specify color by adding suffix number: (2) Red, (4) Yellow, (5) Green.
KEY TO SELECTION OF CONTACT BLOCKS
Contact closure variations depend on the contact block models chosen. For these operators listed
use this table for guidance in selecting blocks.


Similar Part No. - 2-1437610-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437610-8 MACOM-2-1437610-8 Datasheet
256Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
More results

Similar Description - 2-1437610-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437610-9 MACOM-2-1437610-9 Datasheet
256Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
2-1437610-8 MACOM-2-1437610-8 Datasheet
256Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
2-1437610-2 MACOM-2-1437610-2 Datasheet
256Kb / 5P
   Pushbutton Switches, 30mm, Round or Mushroom Buttons
logo
GREATECS
PB16 GREATECS-PB16 Datasheet
694Kb / 3P
   SPST Sealed Round Pushbutton Switches
logo
List of Unclassifed Man...
1212MA ETC-1212MA Datasheet
286Kb / 7P
   Momentary pushbutton switches - round plunger
1212C2 ETC2-1212C2 Datasheet
235Kb / 4P
   Momentary pushbutton switches - round plunger
U411A ETC2-U411A Datasheet
286Kb / 7P
   Momentary pushbutton switches - round plunger
1202A2 ETC2-1202A2 Datasheet
286Kb / 7P
   Momentary pushbutton switches - round plunger
logo
Schneider Electric
9001SKR16H2 SCHNEIDER-9001SKR16H2 Datasheet
145Kb / 5P
   30mm SK TTR Mushroom
Jan 12, 2022
logo
Tyco Electronics
RM3700 MACOM-RM3700 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com