Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1437567-8 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1-1437567-8
Description  Pushbutton Switches, .120 Actuator, Straight
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1437567-8 Datasheet(HTML) 4 Page - Tyco Electronics

  1-1437567-8 Datasheet HTML 1Page - Tyco Electronics 1-1437567-8 Datasheet HTML 2Page - Tyco Electronics 1-1437567-8 Datasheet HTML 3Page - Tyco Electronics 1-1437567-8 Datasheet HTML 4Page - Tyco Electronics 1-1437567-8 Datasheet HTML 5Page - Tyco Electronics 1-1437567-8 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Part Number
Tyco
Alcoswitch
Type
Contact Type
Electronics
2-1437567-0
APBE2RGPC
DPDT
On
(On)
Gold
Terminals Connected:
2-3 & 5-6 (2-1 & 5-4)
(On) indicates momentary position.
APBE Series
D19
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
Pushbutton Switches, Process Sealed, .157 Actuator, Straight, Retention Terminal
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold plated
Case Material ..........................Polyester
Actuator Material ....................Polyester, black
Terminals/Fixed Contacts........Copper alloy
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +176°F (-20°C to +80°C)
Storage Temperature................-40°F to +176°F (-40°C to +80°C)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................0.4 VA Max. @ 20 VDC or peak AC
Initial Contact Resistance ........50 Milliohms max.
Insulation Resistance ..............500 Megohms @ 250 VDC min.
Dielectric Strength ..................500 Volts RMS @ sea level
Actuator Travel........................0.047" (1.19)
Life Expectancy ......................Up to 10,000 Cycles
SPDT
APBE1FGPC
DPDT
APBE2RGPC
Part Number
Tyco
Alcoswitch
Type
Contact Type
Electronics
1-1437567-8
APBE1FGPC
SPDT
On
(On)
Gold
Terminals Connected:
2-3
(2-1)
(On) indicates momentary position.
P. C. HOLE
LAYOUT
SINGLE POLE
.315
(8.00)
.100
(2.54)
TYP
.130
(3.30)
.157
(4.00)
.157
(4.00)
.098
(2.48)
Dia.
.760
(19.3)
.024
(0.61)
TYP
.047
(1.19)
STROKE
.012
(0.30)
EPOXY
SEAL
.032
(0.81)
DIA TYP
.100
(2.54)
TYP
.197
(5.00)
.374
(9.50)
.098
(2.48)
DIA
Bushing
.157
(4.00)
DIA
1
2
3
P. C. HOLE
LAYOUT
SINGLE POLE
.315
(8.00)
.100
(2.54)
TYP.
.130
(3.30)
.157
(4.00)
.157
(4.00)
.760
(19.3)
.024
(0.61)
TYP.
.047
(1.19)
STROKE
.012
(0.30)
TYP.
EPOXY
SEAL
.032
(0.81)
DIA. TYP.
.100
(2.54)
TYP.
.197
(5.00)
.374
(9.50)
Bushing
.157
(4.00)
DIA.
1
2
3
4
5
6
.100
(2.54)
.100
(2.54)
.098
(2.48)
Dia.
Extra compact double pole saves PCB real estate.


Similar Part No. - 1-1437567-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1437565-6 MACOM-1-1437565-6 Datasheet
483Kb / 2P
   TACTILE SWITCH FSM1LP
1-1437565-7 MACOM-1-1437565-7 Datasheet
483Kb / 2P
   TACTILE SWITCH FSM1LP
1-1437565-8 MACOM-1-1437565-8 Datasheet
483Kb / 2P
   TACTILE SWITCH FSM1LP
1-1437565-9 MACOM-1-1437565-9 Datasheet
483Kb / 2P
   TACTILE SWITCH FSM1LP
More results

Similar Description - 1-1437567-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437567-5 MACOM-2-1437567-5 Datasheet
288Kb / 6P
   Pushbutton Switches, .120 Actuator, Straight
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
logo
E-SWITCH
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
   PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
   PUSHBUTTON SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com