Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A28K1P-DC Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # A28K1P-DC
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

A28K1P-DC Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

  A28K1P-DC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. A28K1P-DC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. A28K1P-DC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. A28K1P-DC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. A28K1P-DC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. A28K1P-DC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. A28K1P-DC Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Series A
Process Sealed Subminiature Rockers
B10
B
www.nkkswitches.com
Vertical PC
Double Pole
A22K1V-DA
TYPICAL SWITCH DIMENSIONS
Right Angle PC
Double Pole
Vertical PC
Single Pole
A22K1H-DA
A12K1V-DA
V Terminals
V1 Terminals
(6.0)
.236
(5.08)
.200
(0.3) Typ
.012
(6.35)
.250
(0.8)
.031
(5.2)
.205
(3.1)
.122
(0.5)
.020
(2.54)
.100
(5.08)
.200
(11.9)
.469
(11.5)
.452
(0.7)
.028
(4.5)
.177
P/N This Side
(10.0)
.394
32 1
65 4
(0.6) Dia Typ
.024
(2.54) Typ
.100
(0.4)
.016
(9.8)
.386
(10.2)
.402
1
2
3
CL
(5.84)
.230
(1.0)
.039
(0.6) Dia Typ
.024
(0.4)
.016
(11.5)
.452
(2.54)
.100
(11.4)
.448
(14.73)
.580
(14.46)
.569
26°
(8.8)
.346
(7.0)
.276
(0.8)
.031
(0.5)
.020
(3.1)
.122
(1.0)
.039
(2.54) Typ
.100
(5.3)
.208
(2.54)
.100
P/N This Side
(0.3) Typ
.012
(0.7) Typ
.028
(2.54)
.100
(6.35)
.250
ROCKER MOUNTING PRECAUTION
(9.5)
.374
(6.35)
.250
(5.08)
.200
(0.3) Typ
.012
(14.73)
.580
(11.4)
.448
26°
(8.8)
.346
(7.0)
.276
(0.8)
.031
(0.5)
.020
(3.1)
.122
(1.0)
.039
(2.54) Typ
.100
(5.3)
.208
(11.5)
.452
(14.46)
.569
(0.7)
.028
(5.08)
.200
P/N This Side
(10.2)
.402
(0.4) Typ
.016
(0.6) Dia Typ
.024
(5.08)
.200
1
2
3
4
5
6
Side View of Rocker
Right Angle Mounting PC
Single Pole Only
Side View of Rocker
Vertical Mounting PC
Single Pole and
Double Pole
Rocker switches with vertical and right angle terminals must be mounted so that extension of the PC board beyond the top of the switch
housing does not interrupt rocker movement, in turn causing incomplete switching operation.
The MAXIMUM limit of the PC board extension is .051” (1.3mm), as illustrated below.
This precaution does not apply to the double pole switch with right angle terminals due to the extra width of the switch allowing the
rocker to clear the PC board.
3
1
2
(2.54) Typ
.100
(0.8) Dia Typ
.031
(1.0)
.039
CL
(2.54)
.100
3
1
2
(2.54) Typ
.100
(0.8) Dia Typ
.031
(1.0)
.039
CL
(5.08)
.200
6
4
52
3
1
(2.54) Typ
.100
(0.8) Dia Typ
.031
(5.08)
.200
(5.08)
.200
(5.08)
.200
6
45
23
1
(2.54) Typ
.100
(0.8) Dia Typ
.031
(2.54)
.100
(6.6)
.260
PCB
(1.3)
.051
Interruption
by end of PCB
(1.3)
.051
Interruption
by end of PCB
26°
PCB


Similar Part No. - A28K1P-DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A28K1P-EA ETC2-A28K1P-EA Datasheet
888Kb / 8P
   Process Sealed Subminiature Rockers
More results

Similar Description - A28K1P-DC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com