Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6208-6 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE6208-6
Description  Hex-Half-Bridge / Double Six-Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6208-6 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE6208-6 Datasheet HTML 1Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 2Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 3Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 4Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 5Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 6Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 7Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 8Page - Infineon Technologies AG TLE6208-6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TLE 6208-6 G
Data Sheet
4
2001-11-15
20, 21,
22, 23
GND
Ground
24
CSN
Chip-Select-Not input; CSN is an active low input; serial
communication is enabled by pulling the CSN terminal low; CSN
input should only be transitioned when CLK is low; CSN has an
internal active pull up and requires CMOS logic level inputs.
25
CLK
Serial clock input; clocks the shiftregister; CLK has an internal
active pull down and requires CMOS logic level inputs.
26
DI
Serial data input; receives serial data from the control device;
serial data transmitted to DI is an 16bit control word with the Least
Significant Bit (LSB) being transferred first: the input has an
active pull down and requires CMOS logic level inputs; DI will
accept data on the falling edge of CLK-signal; see Table 1 for
input data protocol.
27
OUTL6
Low-Side-Output 6; see pin1.
28
OUTH6
High-Side-Output 6; see pin2.
1.3
Pin Definitions and Functions (cont’d)
Pin No.
Symbol
Function


Similar Part No. - TLE6208-6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6208-6G INFINEON-TLE6208-6G Datasheet
709Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2007-09-12
TLE6208-6G INFINEON-TLE6208-6G Datasheet
640Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2013-10-17
TLE6208-6G INFINEON-TLE6208-6G_07 Datasheet
709Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2007-09-12
TLE6208-6G INFINEON-TLE6208-6G_13 Datasheet
640Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2013-10-17
More results

Similar Description - TLE6208-6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6208-6G INFINEON-TLE6208-6G_07 Datasheet
709Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2007-09-12
TLE6208-6G INFINEON-TLE6208-6G_13 Datasheet
640Kb / 25P
   Hex-Half-Bridge / Double Six-Driver
2013-10-17
logo
ON Semiconductor
NCV7718B ONSEMI-NCV7718B Datasheet
250Kb / 27P
   Hex Half-Bridge Driver
August, 2014 ??Rev. 0
NCV7718 ONSEMI-NCV7718 Datasheet
331Kb / 27P
   Hex Half-Bridge Driver
September, 2012 ??Rev. 0
NCV7718 ONSEMI-NCV7718_18 Datasheet
282Kb / 27P
   Hex Half-Bridge Driver
April, 2018 ??Rev. 3
NCV7718B ONSEMI-NCV7718B_18 Datasheet
276Kb / 28P
   Hex Half-Bridge Driver
April, 2018 ??Rev. 2
NCV7728 ONSEMI-NCV7728 Datasheet
273Kb / 27P
   Hex Half-Bridge Driver
March, 2014 ??Rev. 1
NCV7728 ONSEMI-NCV7728_18 Datasheet
283Kb / 27P
   Hex Half-Bridge Driver
May, 2018 ??Rev. 6
NCV7723B ONSEMI-NCV7723B Datasheet
281Kb / 25P
   Hex Half-Bridge Driver
February, 2020 ??Rev. 1
logo
Infineon Technologies A...
TLE84106EL INFINEON-TLE84106EL Datasheet
746Kb / 31P
   Hex-Half-Bridge Driver IC
Rev. 1.0, April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com