Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7448841330 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7448841330
Description  WE-DPC HV SMD Dual Powerchoke
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7448841330 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7448841330 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448841330 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448841330 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448841330 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448841330 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
5,2 max.
1,5 ±0,2
Scale - 5:1
Start of Winding
Marking
330 (Inductance Code)
Product Marking:
Recommended Land Pattern: [mm]
5,5
1
3
4
1,5
2
Scale - 5:1
Schematic:
2
1
3
4
1
2
Properties
Test conditions
Value
Unit
Tol.
Inductance 1
100 kHz/ 100 mV
L1
33
µH
±20%
Inductance 2
100 kHz/ 100 mV
L2
33
µH
±20%
Rated Current 1
ΔT = 40 K
IR 1
0.7
A
max.
Rated Current 2
ΔT = 40 K
IR 2
0.7
A
max.
Saturation Current
|ΔL/L| < 30 %
ISAT
0.9
A
typ.
DC Resistance 1
@ 20 °C
RDC
718
typ.
DC Resistance 1
@ 20 °C
RDC
1025
max.
DC Resistance 2
@ 20 °C
RDC
718
typ.
DC Resistance 2
@ 20 °C
RDC
1025
max.
Self Resonant Frequency
fres
19
MHz
typ.
Turns Ratio
n
1:1
Insulation Test Voltage
3 mA/ 3 s
UT
1500
V (AC)
max.
Rated Voltage 1)
UR
250
V (RMS)
max.
Leakage Inductance
LS
0.63
µH
typ.
Coupling Coefficient
K
0.99
typ.
Electrical Properties:
1)
This part is designed for functional isolation. There is no guarantee for barrier safety.
It is recommended that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +85 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-40 °C up to +85 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
IR1 and Isat1 related to L1
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
ArPa
DIN ISO 2768-1m
DESCRIPTION
WE-DPC HV SMD Dual
Powerchoke
ORDER CODE
7448841330
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
5030
001.000
Valid
2017-01-23
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 7448841330

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7448841010 WURTH-7448841010 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841015 WURTH-7448841015 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841022 WURTH-7448841022 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841033 WURTH-7448841033 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841047 WURTH-7448841047 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
More results

Similar Description - 7448841330

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7448841010 WURTH-7448841010 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841047 WURTH-7448841047 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841150 WURTH-7448841150 Datasheet
295Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841022 WURTH-7448841022 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841220 WURTH-7448841220 Datasheet
295Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841470 WURTH-7448841470 Datasheet
295Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841100 WURTH-7448841100 Datasheet
295Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841082 WURTH-7448841082 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841033 WURTH-7448841033 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
7448841068 WURTH-7448841068 Datasheet
296Kb / 5P
   WE-DPC HV SMD Dual Powerchoke
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com