Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER16LD Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPER16LD
Description  Fixed frequency VIPer??plus family
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER16LD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPER16LD Datasheet HTML 6Page - STMicroelectronics VIPER16LD Datasheet HTML 7Page - STMicroelectronics VIPER16LD Datasheet HTML 8Page - STMicroelectronics VIPER16LD Datasheet HTML 9Page - STMicroelectronics VIPER16LD Datasheet HTML 10Page - STMicroelectronics VIPER16LD Datasheet HTML 11Page - STMicroelectronics VIPER16LD Datasheet HTML 12Page - STMicroelectronics VIPER16LD Datasheet HTML 13Page - STMicroelectronics VIPER16LD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Electrical data
VIPER16
10/30
DocID15232 Rev 7
Oscillator section
FOSC
Switching frequency
VIPer16L
54
60
66
kHz
VIPer16H
103
115
127
kHz
FD
Modulation depth
FOSC = 60 kHz
±4
kHz
FOSC = 115 kHz
±8
kHz
FM
Modulation frequency
230
Hz
DMAX
Maximum duty cycle
70
80
%
Thermal shutdown
TSD
Thermal shutdown temperature(1)
150
160
°C
THYST
Thermal shutdown hysteresis(1)
30
°C
1.
Specification assured by design, characterization and statistical correlation.
Table 8. Controller section (continued)
Symbol
Parameter
Test condition
Min
Typ Max
Unit


Similar Part No. - VIPER16LD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER16LD STMICROELECTRONICS-VIPER16LD Datasheet
752Kb / 25P
   Fixed frequency VIPerTM plus family
VIPER16LDTR STMICROELECTRONICS-VIPER16LDTR Datasheet
752Kb / 25P
   Fixed frequency VIPerTM plus family
More results

Similar Description - VIPER16LD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER06LSTR STMICROELECTRONICS-VIPER06LSTR Datasheet
999Kb / 28P
   Fixed-frequency VIPer plus family
VIPER06 STMICROELECTRONICS-VIPER06 Datasheet
999Kb / 28P
   Fixed-frequency VIPer plus family
STEVAL-ISA137V1 STMICROELECTRONICS-STEVAL-ISA137V1 Datasheet
152Kb / 4P
   Demonstration board based on VIPer06 from the fixed-frequency VIPer??plus family
June 2013 Rev 1
VIPER26 STMICROELECTRONICS-VIPER26 Datasheet
815Kb / 25P
   Fixed frequency VIPerTM plus family
VIPER16LDTR STMICROELECTRONICS-VIPER16LDTR Datasheet
752Kb / 25P
   Fixed frequency VIPerTM plus family
VIPER16LN STMICROELECTRONICS-VIPER16LN Datasheet
752Kb / 25P
   Fixed frequency VIPerTM plus family
VIPER37HE STMICROELECTRONICS-VIPER37HE Datasheet
2Mb / 35P
   VIPerPlus family: fixed frequency offline converter
STEVAL-ISA177V1 STMICROELECTRONICS-STEVAL-ISA177V1 Datasheet
273Kb / 4P
   5 V, 0.85 A flyback converter using VIPer??Plus ??VIPer01
September 2016 Rev 2
STEVAL-ISA136V1 STMICROELECTRONICS-STEVAL-ISA136V1 Datasheet
253Kb / 4P
   3W, 5V output, isolated flyback converter using VIPer??Plus - VIPER06HN
May 2014 Rev 2
logo
Integrated Circuit Syst...
ICS9159-05 ICST-ICS9159-05 Datasheet
228Kb / 7P
   Frequency Generator for Pentium??OPTi VIPER Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com