Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P278QE102M480A Datasheet(PDF) 9 Page - Kemet Corporation

Part # P278QE102M480A
Description  P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P278QE102M480A Datasheet(HTML) 9 Page - Kemet Corporation

Back Button P278QE102M480A Datasheet HTML 4Page - Kemet Corporation P278QE102M480A Datasheet HTML 5Page - Kemet Corporation P278QE102M480A Datasheet HTML 6Page - Kemet Corporation P278QE102M480A Datasheet HTML 7Page - Kemet Corporation P278QE102M480A Datasheet HTML 8Page - Kemet Corporation P278QE102M480A Datasheet HTML 9Page - Kemet Corporation P278QE102M480A Datasheet HTML 10Page - Kemet Corporation P278QE102M480A Datasheet HTML 11Page - Kemet Corporation P278QE102M480A Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3087_P278_X1_480 • 10/10/2014
9
Film Capacitors
AC Line EMI Suppression and RC Networks – P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
Lead Taping & Packaging (IEC 60286–2)
Taping Specification
Dimensions in mm
Standard IEC 60286–2
Lead spacing
+6/-0.1
F
Formed
7.5
10.2
15.2
20.3
22.5
F
Carrier tape width
+/-0.5
W
18
18
18
18
18
18+1/-0.5
Hold-down tape width
+/-0.3
W
0
9
12
12
12
12
Position of sprocket hole
+/-0.5
W
1
9
9
9
9
9
9+0.75/-0.5
Distance between tapes
Maximum
W
2
3
3
3
3
3
3
Sprocket hole diameter
+/-0.2
D
0
4
4
4
4
4
4
Feed hole lead spacing
+/-0.3
P
0
(1)
12.7(4)
12.7
12.7
12.7
12.7
12.7
Distance lead – feed hole
+/-0.7
P
1
3.75
7.6
5.1
8.9
5.3
P1
Deviation tape – plane
Maximum
∆p
1.3
1.3
1.3
1.3
1.3
1.3
Lateral deviation
Maximum
∆h
2
2
2
2
2
2
Total thickness
+/-0.2
t
0.7
0.7
0.7
0.7
0.9MAX
0.9MAX
Sprocket hole/cap body
Nominal
H
0
(2)
18+2/-0
18+2/-0
18+2/-0
18+2/-0
18.5+/-0.5
18+2/-0
Sprocket hole/top of cap body
Maximum
H
1
(3)
35
35
35
35
58
58MAX
(1) Maximum cumulative feed hole error, 1 mm per 20 parts.
(2) 16.5 mm available on request.
(3) Depending on case size.
(4) 15 mm available on request.
Lead Spacing 10.2 – 15.2 mm
Lead Spacing 20.3 – 22.5 mm
Formed Leads from 10.2 to 7.5 mm
0
0
0


Similar Part No. - P278QE102M480A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P278QE103M480A KEMET-P278QE103M480A Datasheet
53Kb / 1P
   Film, Metallized Paper, Safety, P278, 0.01 uF, 20%, 1,000 V, 480 V, 110C, Lead Spacing = 15.2mm
More results

Similar Description - P278QE102M480A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
   PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
P276QE104M275A KEMET-P276QE104M275A Datasheet
2Mb / 14P
   PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
P278SJ333M480A KEMET-P278SJ333M480A Datasheet
53Kb / 1P
   P278, Film, Metallized Paper, Safety, 0.033 uF, 20%, 1000 VDC, 480 VAC (X1), 110C, Lead Spacing = 22.5mm
P278EL154M480A KEMET-P278EL154M480A Datasheet
53Kb / 1P
   P278, Film, Metallized Paper, Safety, 0.15 uF, 20%, 1000 VDC, 480 VAC (X1), 110C, Lead Spacing = 25.4mm
P278CP683M480A KEMET-P278CP683M480A Datasheet
56Kb / 1P
   P278, Film, Metallized Paper, Safety, 0.068 uF, 20%, 480 VAC (X1), 1000 VDC, 110C, Lead Spacing = 20.3mm
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com