Electronic Components Datasheet Search |
|
C062H272D1G5GAT1K0 Datasheet(PDF) 1 Page - Kemet Corporation |
|
C062H272D1G5GAT1K0 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 14 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1073_HT_C0G_RADIAL_MOLDED • 9/25/2015 1 One world. One KEMET Overview KEMET’s High Temperature 200ºC epoxy molded radial through-hole ceramic capacitors in C0G dielectric features a robust and proprietary base metal dielectric system that offers industry-leading performance in extreme high pressure and high temperature environments up to 200°C. These capacitors are designed specifically to withstand the severe shock and vibration conditions associated with deep-well and horizontal drilling activities and are well suited for use in aerospace engine compartments, geophysical probes, hybrid and electric automotive motor drives and defense applications. As high temperature electronic module complexity increases, the size reduction of components becomes more and more critical. These devices are significantly smaller by volume than most competitor radial molded capacitors, allowing for downsizing and replacement opportunities of larger high temperature precious metal electrode (PME) and base metal electrode (BME) dielectric system devices. They feature gold- plated lead wires for temperature resistance and an epoxy molded case for environmental protection and mechanical durability. With virtually no capacitance change at 200°C and rated voltage applied, these radial molded capacitors in C0G dielectric are temperature compensating and are suited for resonant circuit applications or those where Q and stability of capacitance characteristics are required. They exhibit no change in capacitance with respect to time and voltage and boast a negligible change in capacitance with reference to ambient temperature. Capacitance change is limited to ±30ppm/ºC from -55°C to +200°C. In addition, these capacitors exhibit high insulation resistance with low dissipation factor at elevated temperatures up to 200°C, as well as low ESR at high frequencies. Radial Through-Hole Multilayer Ceramic Capacitors High Temperature 200°C, Radial, Molded, C0G Dielectric, 50 – 200 VDC (Industrial Grade) Ordering Information C 052 H 272 F 2 G 5 G A 7301 Ceramic Style/Size Specification/ Series Capacitance Code (pF) Capacitance Tolerance1 Rated Voltage (VDC) Dielectric Design Lead Finish2 Failure Rate Packaging C-Spec3 052 062 H = High Temp 200ºC 2 significant digits + number of zeros Use 9 for 1.0 – 9.9 pF ex. 2.2 pF = 229 B = ±0.1 pF C = ±0.25 pF D = ±0.5 pF F = ±1% G = ±2% J = ±5% K = ±10% 5 = 50 1 = 100 2 = 200 G = C0G 5 = Multilayer G = Gold (Au) A = N/A Blank = Bulk Bag T250 = 250 pcs / 12" Reel T500 = 500 pcs / 12" Reel T1K0 = 1,000 pcs / 12" Reel 7301 = Full Reel Qty / 12" Reel 7303 = Full Reel Qty / 12" Reel 7061 = Bulk Tray 1 Additional capacitance tolerance offerings may be available. Contact KEMET for details. 2 Wire lead materials and finishes: Alternative lead materials and finishes may be available. Contact KEMET for details. 3 Default packaging for this product series is "Bulk Bag". KEMET will assume "Bulk Bag" packaging is required when the 15th thru 18th character positions are left blank. 3 C-Spec 7301 can only be used when ordering 052 style/size. 3 C-Spec 7303 can only be used when ordering 062 style/size. Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C062H272D1G5GAT1K0 |
|
Similar Description - C062H272D1G5GAT1K0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |