Electronic Components Datasheet Search |
|
C430C472K1H5HA7293 Datasheet(PDF) 2 Page - Kemet Corporation |
|
C430C472K1H5HA7293 Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 10 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1071_AXIMAX_X8R • 10/17/2016 2 Axial Through-Hole Multilayer Ceramic Capacitors Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 – 200 VDC (Commercial & Automotive Grade) Dimensions – Millimeters (Inches) L D LD 0.015 (0.38) Maximum LL Series Style/ Size L Length Maximum D Diameter Maximum LD Lead Diameter LL Lead Length Minimum C41X 410 0.170 (4.32) 0.095 (2.31) 0.020+0.001/−0.003 (0.51+0.025/−0.076) 1.0 (25.4) C43X 430 0.240 (6.10) 0.150 (3.81) Benefits • Axial through-hole form factor • Conformally coated • Operating temperature range of −55°C to +150°C • Lead (Pb)-free, RoHS and REACH compliant • DC voltage ratings of 50 V, 100 V and 200 V • Capacitance offerings ranging from 10 pF up to 0.082 μF • Available capacitance tolerances of ±1%, ±2%, ±5%, and 10% • Extremely low ESR and ESL • High thermal stability • High ripple current capability • No capacitance change with respect to applied rated DC voltage • Negligible capacitance change with respect to temperature from −55°C to +150°C • No capacitance decay with time • Non-polar device, minimizing installation concerns • 100% pure matte tin-plated lead finish allowing for excellent solderability • SnPb-plated lead finish option available upon request (60/40) • Encapsulation meets flammability standard UL 94V–0 Applications Typical applications include decoupling, bypass and filtering in extreme environments such as down-hole oil exploration, under-hood automotive, aerospace and defense. Application Notes These devices are not recommended for use in overmold applications and/or processes. |
Similar Part No. - C430C472K1H5HA7293 |
|
Similar Description - C430C472K1H5HA7293 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |