Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6R6G6R6GA Datasheet(PDF) 4 Page - NIHON DEMPA KOGYO

Part # S6R6G6R6GA
Description  Best Suited for Local Oscillator of Microwave Equipment with Low Phase Noise and Low Spurious Emission
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

S6R6G6R6GA Datasheet(HTML) 4 Page - NIHON DEMPA KOGYO

  S6R6G6R6GA Datasheet HTML 1Page - NIHON DEMPA KOGYO S6R6G6R6GA Datasheet HTML 2Page - NIHON DEMPA KOGYO S6R6G6R6GA Datasheet HTML 3Page - NIHON DEMPA KOGYO S6R6G6R6GA Datasheet HTML 4Page - NIHON DEMPA KOGYO S6R6G6R6GA Datasheet HTML 5Page - NIHON DEMPA KOGYO S6R6G6R6GA Datasheet HTML 6Page - NIHON DEMPA KOGYO S6R6G6R6GA Datasheet HTML 7Page - NIHON DEMPA KOGYO S6R6G6R6GA Datasheet HTML 8Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4/8
Phase Noise T=+25
http://www.ndk.com/
6570.50MHz to 6589.75MHz
Microwave Synthesizer
Model : S6R6G6R6GA
Output Frequency
6589.750MHz
S6R6G6R6GA Rev.1.0
Jul.13, 2011
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Phase Noise
Output Frequency
6589.750MHz
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
Offset Frequency(Hz)
0℃
25℃
55℃


Similar Part No. - S6R6G6R6GA

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
S6R0G6R1GA NDK-S6R0G6R1GA Datasheet
499Kb / 2P
   Local Oscillator of Microwave Equipment
More results

Similar Description - S6R6G6R6GA

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
S010G010GA NDK-S010G010GA Datasheet
499Kb / 2P
   Local Oscillator of Microwave Equipment
logo
List of Unclassifed Man...
CFS308 ETC2-CFS308 Datasheet
713Kb / 1P
   BEST SUITED FOR PORTABLE WITH LOW CURRENT CONSUMPTION
logo
NIHON DEMPA KOGYO
S3R0G3R0GA NDK-S3R0G3R0GA Datasheet
439Kb / 2P
   Local Oscillator for Microwave Radios
logo
Tyco Electronics
MASYML0007 MACOM-MASYML0007 Datasheet
115Kb / 2P
   Low Phase Noise Phase Locked Oscillator
logo
CRYSTEK CORPORATION
CCHD-575 CRYSTEKMICROWAVE-CCHD-575 Datasheet
627Kb / 4P
   Ultra-Low Phase Noise Oscillator
CCHD-950 CRYSTEKMICROWAVE-CCHD-950 Datasheet
388Kb / 2P
   Ultra-Low Phase Noise Oscillator
logo
Crystek Corporation
CCHD-575 CRYSTEKCRYSTAL-CCHD-575 Datasheet
126Kb / 2P
   Ultra-Low Phase Noise Oscillator
CCHD-957 CRYSTEKCRYSTAL-CCHD-957_15 Datasheet
327Kb / 2P
   Ultra-Low Phase Noise Oscillator
CVHD-950 CRYSTEKCRYSTAL-CVHD-950_15 Datasheet
323Kb / 3P
   Ultra-Low Phase Noise Oscillator
logo
Vectron International, ...
PX-706 VECTRON-PX-706 Datasheet
683Kb / 5P
   Clock Oscillator Low Phase Noise
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com