Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC2102 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # BC2102
Description  Sub-1GHz OOK/FSK Transmitter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC2102 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button BC2102 Datasheet HTML 3Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 4Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 5Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 6Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 7Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 8Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 9Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 10Page - Holtek Semiconductor Inc BC2102 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Rev. 1.00
7
December 21, 2016
BC2102
I2C Mode
IfthedeviceisconnectedtoanexternalMCU,then
theI2Cmodecanbeused.WhentheSCLline(Pin5)
ispulledlowformorethan16μs(tENI2C),thedevice
willentertheI2CModefromtheNormalMode,dur-
ingwhichtheexternalcontrolregistercanconfigure
thespecialfunctionregistersinthedeviceusingI2C
commands.WhenthedevicereceivesacorrectI2C
STOPsignalfollowedbytheSCLlinebeingpulled
lowformorethan16μs,thedevicewillreturntothe
NormalMode.
IntheI2CMode,theMCUcanconfiguretheinternal
relevantregistersusingI2Cserialprogramming.The
transmitteronlysupportstheI2Cformatforbyte
write,pagewrite,bytereadandpagereadformat.The
transmissionprocedureisshownasbelow.
Symboldefinition:
• S:Startsymbol
• RS:RepeatStart
• P:Stopsymbol
• DADDR[6:0]:deviceaddress,21h
• R/W:readwriteselect,R(0):write,(1):read
• RADDR[7:0]:registeraddress
• ACK:A(0):ACK,NA(1):NAK
• BusDirection:
hosttodevice:
devicetohost:
I2C Serial Programming
Normal Mode into I2C Mode
I2C Mode Terminate
I2C
Start Condition
ACK
I2C
Stop Condition
>16μS
tENI2C
tEXI2C
>16μS
PCLK/SCL
DIN/SDA
I2C Serial Programming
S
DADDR[6:0]
W A
RADDR[7:0]
A
DATA
A P
Byte Write
S
DADDR[6:0]
W A
RADDR[7:0]
A
DATA
A
P
Page Write
DATA(n+1)
A
DATA(n+x)
A
S
DADDR[6:0]
W A
RADDR[7:0]
A
DADDR[6:0]
P
Byte Read
A
DATA
RS
R
NA
S
DADDR[6:0]
W A
RADDR[7:0]
A
Page Read
DADDR[6:0]
A
DATA(n)
RS
R
A
DATA(n+1)
A
DATA(n+x)
P
NA


Similar Part No. - BC2102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BC211 ETC1-BC211 Datasheet
121Kb / 1P
   General Purpose Transistors
BC211 ETC-BC211 Datasheet
142Kb / 1P
   KREMIKOVE TRANZISTORY PRO VSEOBECNE POUZITI
logo
Motorola, Inc
BC212 MOTOROLA-BC212 Datasheet
107Kb / 4P
   Amlifier Transistors (PNP)
logo
Fairchild Semiconductor
BC212 FAIRCHILD-BC212 Datasheet
329Kb / 5P
   Process 63 PNP Medium Power
logo
Micro Electronics
BC212 MICRO-ELECTRONICS-BC212 Datasheet
62Kb / 1P
   COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - BC2102

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BC68F2123 HOLTEK-BC68F2123 Datasheet
6Mb / 117P
   Sub-1GHz OOK/FSK TX Soc 1K Flash MCU
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
   PLL-based OOK/ASK/FSK Transmitter IC
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
Silicon Laboratories
SI4012-C1001GT SILABS-SI4012-C1001GT Datasheet
466Kb / 50P
   Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
logo
List of Unclassifed Man...
CMT2180AW-ESR ETC2-CMT2180AW-ESR Datasheet
321Kb / 4P
   240 ??960 MHz SoC OOK/(G)FSK Transmitter
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
logo
Analog Devices
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com