Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61121 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61121
Description  SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61121 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61121 Datasheet HTML 6Page - Texas Instruments TPS61121 Datasheet HTML 7Page - Texas Instruments TPS61121 Datasheet HTML 8Page - Texas Instruments TPS61121 Datasheet HTML 9Page - Texas Instruments TPS61121 Datasheet HTML 10Page - Texas Instruments TPS61121 Datasheet HTML 11Page - Texas Instruments TPS61121 Datasheet HTML 12Page - Texas Instruments TPS61121 Datasheet HTML 13Page - Texas Instruments TPS61121 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
Inductor Current
200 mA/Div, DC
Output Voltage
20 mV/Div, AC
Timebase - 1
µs/Div
VI = 2.4 V, RL = 33 W
VO = 3.3 V
0
2
4
6
8
10
12
14
1.8
2
2.2
2.4
2.6
2.8
3
3.2
VI - Input Voltage - V
-40
°C
85
°C
25
°C
Output Voltage
20 mV/Div, AC
Output Current
100 mA/Div, DC
Timebase - 500
µs/Div
VI = 2.4 V,
IL = 80 mA to 160 mA
VO = 3.3 V
Inductor Current
200 mA/Div, DC
Output Voltage
50 mV/Div, AC
Timebase - 200
µs/Div
VI = 2.4 V, RL = 330 W
VO = 3.3 V
TPS61120
TPS61122, TPS61121
SLVS427C – JUNE 2002 – REVISED APRIL 2004
TPS61121
NO-LOAD SUPPLY CURRENT INTO VOUT
TPS61121
vs
BOOST CONVERTER OUTPUT VOLTAGE
INPUT VOLTAGE
IN CONTINUOUS MODE
Figure 9.
Figure 10.
TPS61121
BOOST CONVERTER OUTPUT VOLTAGE IN POWER
TPS61121
SAVE MODE
BOOST CONVERTER LOAD TRANSIENT RESPONSE
Figure 11.
Figure 12.
10


Similar Part No. - TPS61121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61121 TI-TPS61121 Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61121PW TI-TPS61121PW Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61121PWG4 TI-TPS61121PWG4 Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61121RSAR TI-TPS61121RSAR Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61121RSARG4 TI-TPS61121RSARG4 Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
More results

Similar Description - TPS61121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61130 TI-TPS61130 Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
   1.1A 1.2MHz Synchronous Boost Converter
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS2505 TI-TPS2505 Datasheet
849Kb / 28P
[Old version datasheet]   INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
TPS2505 TI1-TPS2505_15 Datasheet
1Mb / 33P
[Old version datasheet]   Integrated Dual USB Switches, Boost Converter and LDO
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI1-TPS61098_16 Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com