Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C410C472G1H5HA9170 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C410C472G1H5HA9170
Description  Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 - 200 VDC (Commercial & Automotive Grade)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C410C472G1H5HA9170 Datasheet(HTML) 1 Page - Kemet Corporation

  C410C472G1H5HA9170 Datasheet HTML 1Page - Kemet Corporation C410C472G1H5HA9170 Datasheet HTML 2Page - Kemet Corporation C410C472G1H5HA9170 Datasheet HTML 3Page - Kemet Corporation C410C472G1H5HA9170 Datasheet HTML 4Page - Kemet Corporation C410C472G1H5HA9170 Datasheet HTML 5Page - Kemet Corporation C410C472G1H5HA9170 Datasheet HTML 6Page - Kemet Corporation C410C472G1H5HA9170 Datasheet HTML 7Page - Kemet Corporation C410C472G1H5HA9170 Datasheet HTML 8Page - Kemet Corporation C410C472G1H5HA9170 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1071_AXIMAX_X8R • 10/17/2016
1
One world. One KEMET
Overview
KEMET’s Aximax conformally coated axial through-hole
ceramic capacitors in Ultra-Stable X8R dielectric feature a
150°C maximum operating temperature, offering the latest
in high temperature dielectric technology and reliability
for extreme temperature applications. It offers the same
temperature capability as conventional X8R, but without
the capacitance loss due to applied DC voltage. Ultra-
Stable X8R exhibits no change in capacitance with respect
to voltage and boasts a minimal change in capacitance
with reference to ambient temperature. It is a suitable
replacement for higher capacitance and larger footprint
devices that fail to offer capacitance stability. Capacitance
change with respect to temperature is limited to ±15% from
-55ºC to 150ºC.
Driven by the demand for a more robust and reliable
component, the Ultra-Stable X8R dielectric Aximax though-
hole capacitors were developed for critical applications
where reliability and capacitance stability at higher
operating temperatures are a concern. These capacitors are
widely used in automotive circuits as well as general high
temperature applications.
In addition to Commercial Grade, Automotive Grade devices
are available and meet the demanding Automotive Electronics
Council's AEC-Q200 qualification requirements.
These devices meet the flame test requirements outlined in
UL Standard 94V-0.
Axial Through-Hole Multilayer Ceramic Capacitors
Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable
X8R Dielectric, 50 – 200 VDC (Commercial & Automotive Grade)
Ordering Information
C
410
C
472
J
5
H
5
T
A
7200
Ceramic Style
/Size
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Rated
Voltage
(VDC)
Dielectric Design
Lead
Finish2
Failure
Rate
Packaging/Grade
(C-Spec)
410
430
C = Standard Two significant
digits and
number of
zeros
F = ±1%
G = ±2%
J = ±5%
K = ±10%
5 = 50
1 = 100
2 = 200
H =
Ultra-
Stable
X8R
5 =
Multilayer
T = 100%
Matte Sn
H = SnPb
(60/40)
A = N/A Blank = Bulk
7200 = 12" Reel
7293 = Ammo pack
9170 = Automotive grade
9170 7200 = Auto 12" Reel
9170 7293 = Auto Ammo pack
1
Additional capacitance Tolerance offerings may be available. Contact KEMET for details.
2
Lead materials:
Standard: 100% matte tin (Sn) with nickel (Ni) underplate and steel core ( “T” designation).
Alternative1:60%tin(Sn)/40%lead(Pb)finishwithcopper-cladsteelcore(“H”designation).
Additionalleadfinishoptionsmaybeavailable.ContactKEMETfordetails
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C410C472G1H5HA9170

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C472G1G5HA7200 KEMET-C410C472G1G5HA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C410C472G1G5HA7200 KEMET-C410C472G1G5HA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C472G1G5HA7293 KEMET-C410C472G1G5HA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C472G1G5TA7200 KEMET-C410C472G1G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C410C472G1G5TA7200 KEMET-C410C472G1G5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results

Similar Description - C410C472G1H5HA9170

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C105K3N5TA7200 KEMET-C410C105K3N5TA7200 Datasheet
2Mb / 9P
   Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 - 50 VDC (Commercial & Automotive Grade)
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105M3U5TA7200 KEMET-C410C105M3U5TA7200 Datasheet
2Mb / 14P
   Aximax, 400, Conformally Coated, Z5U Dielectric, 25 and 250 VDC (Commercial Grade)
C410C331J1H5TA9170 KEMET-C410C331J1H5TA9170 Datasheet
60Kb / 1P
   Ceramic, Aximax(UltraStable), 330 pF, 5%, 100 V, X8R, 150C, Axial, Conformally Coated, Automotive Grade
C410C102K5H5TA9170 KEMET-C410C102K5H5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8R HT150C, Ceramic, 1000 pF, 10%, 50 V, X8R, AxiMax, Automotive Grade
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C410C103K1H5TA9170 KEMET-C410C103K1H5TA9170 Datasheet
60Kb / 1P
   AxiMax 400 Auto X8R HT150C, Ceramic, 0.01 uF, 10%, 100 V, X8R, AxiMax, Automotive Grade
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com