Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7612 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7612
Description  General Purpose PIR Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7612 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT7612_12 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7612_12 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7612_12 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7612_12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7612_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7612_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7612_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7612_12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7612_12 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
HT7612/HT7612B
Rev. 1.70
6
July 16, 2012
CDS
The CDS pin is connected to an internal comparator input.
It is used to allow the device to distinguish between day
and night conditions. When the CDS input voltage is lower
than VL, the PIR amplifier circuit will be disabled and the
TRIAC and RELAY output pins will be inactive. When the
input voltage of the CDS is higher than VL, the outputs are
both active. The debounce time for the CDS pin for switch-
ing the outputs from an inactive to an active state is about
15~20 seconds for the HT7612 and less than 3 seconds
for the HT7612B. Connect this pin to VDD when this func-
tion is not used. The CDS timing is shown in Fig.7
CDS
Status
Output
Low
Day Time
Disabled
High
Night
Enabled
In Fig.8, RCDS and RY can be adjusted to obtain the de-
sired daytime detection level.
LED
The LED pin is a CMOS output pin which is used as a
valid trigger indicator. When the TRIAC/RELAY is acti-
vated, this pin will be active until the TRIAC/RELAY has
is switched OFF. The LED pin structure is shown in
Fig.9.
LVD
LVD is a low voltage detector. When the detected volt-
age is lower than 1.1V, the LED flicker and the buzzer
will emit a tone.
In Fig10, assume RX,RLVD can be adjusted to obtain the
desired voltage detection level.
OP2
OP1
Regulator
Comp1
Comp2
S
D
G
VH
VL
VM
VREF
VL
VH
VM
PIR
Sensor
Output
Comparator
Input
VL
VH
VREF
VREF
PIR Amplifier
C D S
T R I A C &
R E L A Y
A c t i v e
I n a c t i v e
A c t i v
Fig.7 CDS Timing
B U Z / C D S
V R E F
V L
T E S T / S C
R C D S
R Y
Fig.8 CDS Application Example
1 k 9
T r i g g e r
I n d i c a t o r
R E L A Y / L E D
Fig. 9 LED Pin Drive LED
B U Z / L V D
V D D
1 . 1 V
T E S T / S C
R X
R L V D
Fig.10 LVD Application Example


Similar Part No. - HT7612_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_11 Datasheet
298Kb / 20P
   General Purpose PIR Controller
More results

Similar Description - HT7612_12

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT761X HOLTEK-HT761X_09 Datasheet
154Kb / 12P
   General Purpose PIR Controller
HT7610A HOLTEK-HT7610A_13 Datasheet
181Kb / 13P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612 Datasheet
276Kb / 18P
   General Purpose PIR Controller
HT761X HOLTEK-HT761X Datasheet
164Kb / 11P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_11 Datasheet
298Kb / 20P
   General Purpose PIR Controller
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com