Electronic Components Datasheet Search |
|
SR3200 Datasheet(PDF) 1 Page - Nanjing International Group Co |
|
SR3200 Datasheet(HTML) 1 Page - Nanjing International Group Co |
1 / 2 page 3.0 AMP SCHOTTKY BARRIER RECTIFIERS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 DO-27 Dimensions in inches and (millimeters) FEATURES MECHANICAL DATA Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 3.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note1) Operating Storage Temperature Range TSTG Temperature Range Tj 3.0 80 0.2 30 20 -65 +125 -65 +150 -65 +150 V V A A V mA mA pF C C C NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length. * Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 1.10 grams SR320 THRU SR3200 VOLTAGE RANGE 20 to 200 Volts CURRENT 3.0 Ampere UNITS V Typical Thermal Resistance RqJA (Note 2) /W 250 0.945(24.0) MIN. 0.945(24.0) MIN. .375(9.5) .285(7.2) .052(1.3) .04 3(1.1) DIA. .220(5.6) .197(5.0) DIA. SR320 S R330 S R340 SR360 S R380 SR3100 SR3150 S R3200 20 30 40 60 80 100 150 200 20 30 40 60 80 100 150 200 14 21 28 42 56 70 105 140 0.55 0.70 0. 75 * Both normal and Pb free product are available: * Normal:80~95%Sn,5~20%Pb * Pb free:99 Sn above can meet Rohs enviroment substance directive request |
Similar Part No. - SR3200 |
|
Similar Description - SR3200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |